Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC2443 Datasheet(PDF) 16 Page - Semtech Corporation

Part # SC2443
Description  Dual-Phase Single or Two Output Synchronous Step-Down Controller
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2443 Datasheet(HTML) 16 Page - Semtech Corporation

Back Button SC2443 Datasheet HTML 12Page - Semtech Corporation SC2443 Datasheet HTML 13Page - Semtech Corporation SC2443 Datasheet HTML 14Page - Semtech Corporation SC2443 Datasheet HTML 15Page - Semtech Corporation SC2443 Datasheet HTML 16Page - Semtech Corporation SC2443 Datasheet HTML 17Page - Semtech Corporation SC2443 Datasheet HTML 18Page - Semtech Corporation SC2443 Datasheet HTML 19Page - Semtech Corporation SC2443 Datasheet HTML 20Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
SC2443
6
Item
Reference
Quantity
Description
Package
Part
Vendor

C,C0
2
6V X5R ceramic capacitor
206
0uF
Murata
2
C2,C3,C
3
6V Aluminum solid capacitor _SEPC series
8 X 9mm
270uF
Sanyo
3
C4,C9,C20,C25
4
6V X5R ceramic capacitor
0603
uF
Murata
4
C5,C2,C23
3
6V X7R ceramic capacitor
0603
00nF
Panasonic
5
C6,C22
2
25V X7R ceramic capacitor
0603
22pF
Panasonic
6
C7

16V X7R ceramic capacitor
0603
22nF
Panasonic
7
C8,C24
2
25V X7R ceramic capacitor
0603
2.2nF
Panasonic
8
C2

25V X7R ceramic capacitor
0603
330pF
Panasonic
9
C4,C9
2
6.3V X7R ceramic capacitor
206
0uF
Murata
0
C5,C6,C7
3
6.3V Aluminum capacitor _ FL series
8 X .5mm
000uF
Panasonic

D,D2
2
Small signal diode
SMD
N448
Any
2
L,L2
2
SMD inductor
2.5 X 2.5 X
0mm
.5uH/.8mR
TRIO
3
Q,Q4
2
30V N Channel MOSFET
D-pack
IPD09N03LA
Infineon
4
Q2,Q3,Q5,Q6
4
30V N Channel MOSFET
D-pack
IPD06N03LA
Infineon
5
R,R7,R,
R7,R8
5
5% SMD resistor
0603
0R
Any
6
R2,R2
2
5% SMD resistor
0603
0K
Any
7
R3,R3
2
5% SMD resistor
0603
R
Any
8
R5

% SMD resistor
0603
24K
Any
9
R6,R6.R2
3
% SMD resistor
0603
0R
Any
20
R8,R9
2
% SMD resistor
0603
560R
Any
2
R9

5% SMD resistor
0603
47K
Any
22
R0

5% SMD resistor
0603
2R2
Any
23
R5

% SMD resistor
0603
.05K
Any
24
R20

% SMD resistor
0603
K
Any
25
U

Dual phase Sync. step down controller
MLPQ-24
SC2443
SEMTECH
Evaluation Board Bill of Materials
Single Output Current Share Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com