Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC2443 Datasheet(PDF) 18 Page - Semtech Corporation

Part # SC2443
Description  Dual-Phase Single or Two Output Synchronous Step-Down Controller
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2443 Datasheet(HTML) 18 Page - Semtech Corporation

Back Button SC2443 Datasheet HTML 14Page - Semtech Corporation SC2443 Datasheet HTML 15Page - Semtech Corporation SC2443 Datasheet HTML 16Page - Semtech Corporation SC2443 Datasheet HTML 17Page - Semtech Corporation SC2443 Datasheet HTML 18Page - Semtech Corporation SC2443 Datasheet HTML 19Page - Semtech Corporation SC2443 Datasheet HTML 20Page - Semtech Corporation SC2443 Datasheet HTML 21Page - Semtech Corporation SC2443 Datasheet HTML 22Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 18 / 22 page
background image
SC2443
8
Item
Reference
Quantity
Description
Package
Part
Vendor

C,C4
2
6V X5R ceramic capacitor
206
0uF
Murata
2
C2,C5
2
6V Aluminum capacitor _FL series
0 X 20mm
500uF
Panasonic
3
C4,C3,C8,
C30
4
6V X5R ceramic capacitor
0603
uF
Murata
4
C5,C9,C26
3
6V X7R ceramic capacitor
0603
00nF
Panasonic
5
C6

25V X7R ceramic capacitor
0603
27pF
Panasonic
6
C7,C29
2
16V X7R ceramic capacitor
0603
22nF
Panasonic
7
C8,C
2
6.3V X7R ceramic capacitor
206
0uF
Murata
8
C9,C0
2
6.3V Aluminum capacitor _ FL series
0 X 6mm
800uF
Panasonic
9
C2,C25
2
25V X7R ceramic capacitor
0603
2.2nF
Panasonic
0
C6,C27
2
25V X7R ceramic capacitor
0603
470pF
Panasonic

C2,C24
2
0V X7R ceramic capacitor
206
0uF
Murata
2
C22,C23
2
6.3V Aluminum capacitor _ FL series
0 X 20mm
2200uF
Panasonic
3
D,D2
2
Small signal diode
SMD
N448
Any
4
L,L2
2
Through hole inductor
2.2uH/2mR
Any
5
Q,Q4
2
30V N Channel MOSFET
D-pack
IPD09N03LA
Infineon
6
Q2,Q5
2
30V N Channel MOSFET
D-pack
IPD06N03LA
Infineon
7
R,R7,R,R3,
R8,R9,R24
R25
8
5% SMD resistor
0603
0R
Any
8
R2

5% SMD resistor
0603
5K
Any
9
R3,R5
2
5% SMD resistor
0603
R
Any
20
R5

% SMD resistor
0603
.05K
Any
2
R6

% SMD resistor
0603
24K
Any
22
R0,R22
2
% SMD resistor
0603
K
Any
23
R

5% SMD resistor
0603
47K
Any
24
R2

5% SMD resistor
0603
2R2
Any
25
R4

5% SMD resistor
0603
20K
Any
26
R7

% SMD resistor
0603
4.2K
Any
27
R20

5% SMD resistor
0603
00K
Any
28
R23

5% SMD resistor
0603
0R
Any
29
U

Dual phase Sync. step down controller
MLPQ-24
SC2443
SEMTECH
Evaluation Board Bill of Materials
Dual Independent Output Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com