Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC2595 Datasheet(PDF) 7 Page - Semtech Corporation

Part # SC2595
Description  Integrated Linear DDR Termination Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2595 Datasheet(HTML) 7 Page - Semtech Corporation

Back Button SC2595 Datasheet HTML 3Page - Semtech Corporation SC2595 Datasheet HTML 4Page - Semtech Corporation SC2595 Datasheet HTML 5Page - Semtech Corporation SC2595 Datasheet HTML 6Page - Semtech Corporation SC2595 Datasheet HTML 7Page - Semtech Corporation SC2595 Datasheet HTML 8Page - Semtech Corporation SC2595 Datasheet HTML 9Page - Semtech Corporation SC2595 Datasheet HTML 10Page - Semtech Corporation SC2595 Datasheet HTML 11Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
©2009 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC2595
Layout guidelines
Layout guidelines
Layout guidelines
Layout guidelines
Layout guidelines
1)The SC2595 has a SOIC8-EDP package. It can improve
the thermal impedance (
θ
JC) significantly. A suitable ther-
mal pad should be added when PCB layout. Some ther-
mal vias are required to connect the thermal pad to the
PCB ground layer. This will improve the thermal perfor-
mance .
2)To increase the noise immunity, a ceramic capacitor of
10nf to 100nf is required to decouple the V
REF pin with
the shortest connection trace, also A 10nF to 100nF
ceramic capacitor close to the V
SENSE pin is required to
avoid oscillation during transient condition.
3)To reduce the noise on the input power rail for stan-
dard SSTL-2 application, a 68μF low ESR capacitor and
a 1μF ceramic capacitor have to be used on the input
power rail with shortest possible connection.
4)For lower power loss SSTL-2 application, a 220μF AL.
capacitor (ESR should be lower than 250m ohm) and a
10μF ceramic has to be added on the PV
CC pin and a 1μF
ceramic capacitor +5.1 ohm filter has to be added on
the V
DDQ pin with shortest possible connection.
5)V
TT output copper plane should be as large as possible.
6)V
SENSE trace should be as short as possible.
Application Information (Cont.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com