Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC2595 Datasheet(PDF) 10 Page - Semtech Corporation

Part # SC2595
Description  Integrated Linear DDR Termination Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2595 Datasheet(HTML) 10 Page - Semtech Corporation

Back Button SC2595 Datasheet HTML 4Page - Semtech Corporation SC2595 Datasheet HTML 5Page - Semtech Corporation SC2595 Datasheet HTML 6Page - Semtech Corporation SC2595 Datasheet HTML 7Page - Semtech Corporation SC2595 Datasheet HTML 8Page - Semtech Corporation SC2595 Datasheet HTML 9Page - Semtech Corporation SC2595 Datasheet HTML 10Page - Semtech Corporation SC2595 Datasheet HTML 11Page - Semtech Corporation SC2595 Datasheet HTML 12Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
©2009 Semtech Corp.
www.semtech.com
SC2595
PRELIMINARY
POWER MANAGEMENT
Typical Characteristics (Cont.)
VDDQ=2.5V
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
6.5
2.0 2.5
3.0 3.5
4.0 4.5
5.0 5.5
AVCC=PVCC(V)
MAX
SOURCE
CURRENT
VDDQ=1.8V
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5
AVCC=PVCC(V)
MAX
SOURCE
CURRENT
AVCC=PVCC=VDDQ=2.5V
0
20
40
60
80
100
120
140
0.0
0.5
1.0
1.5
2.0
2.5
DC CURRENT (A)
SOURCE
SINK
Figure 11
Figure 12
Figure 13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com