Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC2677B Datasheet(PDF) 7 Page - Semtech Corporation

Part # SC2677B
Description  Dual Synchronous Voltage Mode Controller with Current Sharing Circuitry
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2677B Datasheet(HTML) 7 Page - Semtech Corporation

Back Button SC2677B Datasheet HTML 3Page - Semtech Corporation SC2677B Datasheet HTML 4Page - Semtech Corporation SC2677B Datasheet HTML 5Page - Semtech Corporation SC2677B Datasheet HTML 6Page - Semtech Corporation SC2677B Datasheet HTML 7Page - Semtech Corporation SC2677B Datasheet HTML 8Page - Semtech Corporation SC2677B Datasheet HTML 9Page - Semtech Corporation SC2677B Datasheet HTML 10Page - Semtech Corporation SC2677B Datasheet HTML 11Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
7
© 2009 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC2677B
Main Loop(s)
Main Loop(s)
Main Loop(s)
Main Loop(s)
Main Loop(s)
The SC2677B is a dual, voltage mode synchronous Buck
controller. The two separate channels are identical and
share only IC supply pins (Vcc and GND), output driver
ground (PGND) and pre-driver supply voltage (BSTC). They
also share a common oscillator generating a sawtooth
waveform for channel 1 and an dephased sawtooth for
channel 2. Channel 2 has both inputs of the error ampli-
fier uncommitted and available externally. This allows the
SC2677B to operate in two distinct modes.
a) Two independent channels with either common
or different input voltages and different output
voltages. The two channels each have their own volt-
age feedback path from their own output. In this
mode, positive input of the error amplifier 2 is con-
nected externally to Vref. If the application uses a
common input voltage, the sawtooth phase shift be-
tween the channels provides some measure of input
ripple current cancellation.
b) Two channels operating in current sharing mode
with common output voltage and either common in-
put voltage or different input voltages. In this mode,
channel 1 operates as a voltage mode Buck controller,
as before, but error amplifier 2 monitors and ampli-
fies the difference in voltage across the output cur-
rent sense resistors of channel 1 and channel 2 (Mas-
ter and Slave) and adjusts the Slave duty cycle to
match output currents. To controller also works well
for using the output choke winding resistance as cur-
rent sensing element (please refer the application
schematic for details). The amount of the current of
the slave channel vs the master channel can be pro-
grammed according to the application. This feature
is especially useful when two input sources are used
and each source has its power budget.
The offset of the current sharing error amplifier is
trimmed whthin the range of -2mV to 0mV. The po-
larity being such that the slave is OFF if the master
has no current.
Power Good
Power Good
Power Good
Power Good
Power Good
The controller provides a power good signal. This is an
open collector output, which is pulled low if the output
voltage is outside of the power good window.
Sof
Sof
Sof
Sof
Soft Star
t Star
t Star
t Star
t Start/Enable
t/Enable
t/Enable
t/Enable
t/Enable
The Soft Start/Enable (SS/ENA) pin serves several
functions. If held below the Enable threshold, both chan-
nels are inhibited. DH1 and DH2 will be low, turning off
the top FETs. Between the Soft Start Enable threshold
and the Soft Start End threshold, the duty cycle is allowed
to increase. At the Soft Start End threshold, maximum
duty cycle is reached. In practical applications the error
amplifier will be controlling the duty cycle before the Soft
Start End threshold is reached. To avoid boost problems
during start-up in current share mode, both channels start
up in asynchronous mode, and the bottom FET body diode
is used for circulating current during the top FET off time.
When the SS/ENA pin reaches the Soft Start Transition
threshold, the channels begin operating in synchronous
mode for improved efficiency. The soft start pin sources
approximately 50uA and soft start timing can be set by
selection of an appropriate soft start capacitor value.
FFFFFreq
req
req
req
requency Se
uency Se
uency Se
uency Se
uency Set and Phasing
t and Phasing
t and Phasing
t and Phasing
t and Phasing
The switching frequency can be programmed by connect-
ing a resistor from the FREQ pin to AGND. The PHASING
pin controls the phase shift between the master sawtooth
and slave sawtooth which allows the adjustment of the
phase shift for maximum noise immunity by controlling
the timing between master and slave transition. A resis-
tive divider is used from the FREQ pin to AGND and the
divided voltage is fed to the PHASING pin as depicted.
SC2677B
R13
R19
Application Information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com