Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC2677B Datasheet(PDF) 8 Page - Semtech Corporation

Part # SC2677B
Description  Dual Synchronous Voltage Mode Controller with Current Sharing Circuitry
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2677B Datasheet(HTML) 8 Page - Semtech Corporation

Back Button SC2677B Datasheet HTML 4Page - Semtech Corporation SC2677B Datasheet HTML 5Page - Semtech Corporation SC2677B Datasheet HTML 6Page - Semtech Corporation SC2677B Datasheet HTML 7Page - Semtech Corporation SC2677B Datasheet HTML 8Page - Semtech Corporation SC2677B Datasheet HTML 9Page - Semtech Corporation SC2677B Datasheet HTML 10Page - Semtech Corporation SC2677B Datasheet HTML 11Page - Semtech Corporation SC2677B Datasheet HTML 12Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
8
© 2009 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC2677B
Over Current Protection
Over Current Protection
Over Current Protection
Over Current Protection
Over Current Protection
Current sense amplifiers sense the inductor DCR, and com-
pare with an internal OCP reference. As over current being
detected, the current sense amplifier will trip the peak
current limit on cycle-by-cycle basis. If the over current
condition sustains, and the output voltage drops below
75% of its nominal voltage level, the PWM will be disabled
and the power supply be latched off with short amount of
delay. The latch can be reset by power cycling.
(R13+R19) vs.Oscillator Frequency
300
400
500
600
700
800
900
1000
4
6
8
1012
1416
1820
(R13+R19) (kohm)
Vphasing vs Phase Shift
0
20
40
60
80
100
120
140
160
180
0.55
0.60
0.65
0.70
0.75
0.80
0.85
0.90
Vphasing (V)
Controller Power Dissipation
Controller Power Dissipation
Controller Power Dissipation
Controller Power Dissipation
Controller Power Dissipation
Controller power dissipation is generated by following
parameter; switching frequency, total gate charge of all
selected MOSFETs and supply voltage.
P = Vin * (I
CC + QGT* FSW)
Q
GT = QG * N
Where
Vin : Supply voltage for controller and driving
MOSFET.
Layout Guidelines
Layout Guidelines
Layout Guidelines
Layout Guidelines
Layout Guidelines
Power and signal traces must be kept separated for noise
considerations. Feedback, current sense traces and ana-
log ground should not cross any traces or planes carrying
high switching currents, such as in the input loop or the
phase node.
The input loop, consisting of the input capacitors and both
MOSFETs must be kept as small as possible. Since all of
the high switching currents occur in the input loop, the
enclosed loop area must be kept small to minimize induc-
tance and radiated and conducted noise emissions.
An example is shown below to demonstrate the
procedure introduced above.
Vin =12V
Fsw =250KHz
N =4(number of MOSFET)
Then
Q
GT = 108nC
Q
G
= 27nC (per MOSFET)
It’s recommended that the below figure be performed to
ensure SC2677B under safe operation area.
I
CC
: Supply current for controller.
Q
GT : Total gate charge of all selected MOSFETs.
Q
G
: Total gate charge of per selected MOSFETs.
F
SW : Switching frequency.
N : Number of MOSFET.
QGT limitation (with loading)
20
60
100
140
180
220
260
300
340
380
420
460
500
540
580
620
150
200
250
300
350
400
450
500
Fsw(KHz)
5Vin
8.5Vin
12Vin
SOA
SOA
SOA
Application Information(Cont.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com