Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADF7242 Datasheet(PDF) 39 Page - Analog Devices

Part # ADF7242
Description  Low Power IEEE 802.15.4/Proprietary GFSK/FSK Zero-IF 2.4 GHz Transceiver IC
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF7242 Datasheet(HTML) 39 Page - Analog Devices

Back Button ADF7242 Datasheet HTML 35Page - Analog Devices ADF7242 Datasheet HTML 36Page - Analog Devices ADF7242 Datasheet HTML 37Page - Analog Devices ADF7242 Datasheet HTML 38Page - Analog Devices ADF7242 Datasheet HTML 39Page - Analog Devices ADF7242 Datasheet HTML 40Page - Analog Devices ADF7242 Datasheet HTML 41Page - Analog Devices ADF7242 Datasheet HTML 42Page - Analog Devices ADF7242 Datasheet HTML 43Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 108 page
background image
ADF7242
Rev. 0 | Page 39 of 108
on the required data rate to ensure optimum modulation
quality. The frequency synthesizer bandwidth is optimized for
the recommended modulation schemes, data rates, and fre-
quency deviations given in Table 22. If the user requires a
different modulation scheme or data rate from those listed in
Table 22, it is recommended, for optimum device performance,
to choose a frequency deviation for the required data rate that
gives a modulation index close to those recommended in Table 22.
RF CHANNEL FREQUENCY PROGRAMMING
The frequency of the synthesizer is programmed with the
frequency control word, ch_freq[23:0], which extends over
Register ch_freq0, Register ch_freq1, and Register ch_freq2.
The frequency control word, ch_freq[23:0], contains a binary
representation of the absolute frequency of the desired channel
divided by 10 kHz.
Writing a new channel frequency value to the frequency control
word ch_freq[23:0] takes effect after the next frequency
synthesizer calibration phase. The frequency synthesizer is
calibrated by default during the transition into the PHY_RDY
from the idle state as well as in the TX, RX and CCA states.
Refer to the RF Frequency Synthesizer Calibration, Transmitter,
and Receiver sections for further details. To facilitate fast
channel frequency changes, a new frequency control word can
be written in the RX state before a packet has been received.
The next RC_RX o RC_TX command initiates the required
frequency synthesizer calibration and settling cycle. Similarly, a
new frequency control word can be written after a packet has
been transmitted while in the TX state and the next RC_RX or
RC_TX command initiates the frequency synthesizer
calibration and settling cycle.
REFERENCE CRYSTAL OSCILLATOR
The on-chip crystal oscillator generates the reference frequency
for the frequency synthesizer and system timing. The oscillator
operates at a frequency of 26 MHz. The crystal oscillator is
amplitude controlled to ensure a fast start-up time and stable
operation under different operating conditions. The crystal and
associated external components should be chosen with care
because the accuracy of the crystal oscillator can have a significant
impact on the performance of the communication system. Apart
from the accuracy and drift specification, it is important to
consider the nominal loading capacitance of the crystal.
Crystals with a high loading capacitance are less sensitive to
frequency pulling due to tolerances of external capacitors and the
printed circuit board parasitic capacitances. When selecting a
crystal, these advantages should be balanced against the higher
current consumption, longer start-up time, and lower trimming
range resulting from a larger loading capacitance.
The total loading capacitance must be equal to the specified
load capacitance of the crystal and comprises the external
parallel loading capacitors, the parasitic capacitances of the
XOSC26P and XOSC26N pins, as well as the parasitic
capacitance of tracks on the printed circuit board.
The ADF7242 has an integrated crystal oscillator tuning capacitor
that facilitates the compensation of systematic production
tolerance and temperature drift. The tuning capacitor is con-
trolled with Register xto26_trim _cal, Field xto26_trim (0x371).
The tuning range provided by the tuning capacitor depends on
the loading capacitance of a specific crystal. The total tuning
range is typically 25 ppm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com