Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADF7242 Datasheet(PDF) 71 Page - Analog Devices

Part # ADF7242
Description  Low Power IEEE 802.15.4/Proprietary GFSK/FSK Zero-IF 2.4 GHz Transceiver IC
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF7242 Datasheet(HTML) 71 Page - Analog Devices

Back Button ADF7242 Datasheet HTML 67Page - Analog Devices ADF7242 Datasheet HTML 68Page - Analog Devices ADF7242 Datasheet HTML 69Page - Analog Devices ADF7242 Datasheet HTML 70Page - Analog Devices ADF7242 Datasheet HTML 71Page - Analog Devices ADF7242 Datasheet HTML 72Page - Analog Devices ADF7242 Datasheet HTML 73Page - Analog Devices ADF7242 Datasheet HTML 74Page - Analog Devices ADF7242 Datasheet HTML 75Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 108 page
background image
ADF7242
Rev. 0 | Page 71 of 108
WUC Configuration and Operation
The wake-up timer can be configured as follows:
•
The clock signal for the timer is taken from the external
32.768 kHz crystal or the internal RC oscillator. This is
selectable via Register tmr_cfg1, Bit sleep_config
(0x317[6:3]).
•
A 3-bit prescaler, which is programmable via Register
tmr_cfg0, Bit timer_prescal (0x316[2:0]) determines the
tick period.
This is followed by a preloadable 16-bit down counter. After the
clock is selected, the reload value for the down counter
(tmr_rld0 and tmr_rld1) and the prescaler values (Register
tmr_cfg0, Bit timer_prescal) can be programmed. When the
clock has been enabled, the counter starts to count down at the
tick rate starting from the reload value. If wake-up interrupts
are enabled, the timer unit generates an interrupt when the
timer value reaches 0x0000. When armed, the wake-up
interrupt triggers a wake-up from sleep.
The reliable generation of wake-up interrupts requires the
WUC timeout flag to be reset immediately after the reload value
has been programmed. To do this, first write 1and then write 0
to Register tmr_ctrl, Field wake_timer_flag_reset. To enable
automatic wake-up from the sleep state, arm the timer unit for
wake-up operation by writing 1 to Register tmr_cfg1, Field
wake_on_timeout. After writing this sequence to the ADF7242,
a sleep command can be issued.
Calibrating the RC oscillator
The RC oscillator is not automatically calibrated. If it is desired
to use the RC oscillator as the clock source for the WUC, the
host MCU should initiate a calibration. This can be performed
at any time in advance of entering the sleep state. To perform a
calibration, the host MCU should
•
Set Register tmr_ctrl, Field wuc_rc_osc_cal = 0
•
Set Register tmr_ctrl, Field wuc_rc_osc_cal = 1
The calibration time is typically 1 ms. When the calibration is
complete Register wuc_32khzosc_status, Field rc_osc_cal_ready
is high. Following calibration, the host MCU can transition to
the SLEEP_BBRAM_RCO sleep state, by following the full
procedure given in the WUC Configuration and Operation
section.
TRANSMIT TEST MODES
The ADF7242 has various transmit test modes that can be used
in IEEE 802.15.4-2006 and GFSK/FSK SPORT modes. These
test modes can be enabled by writing to Register tx_fsk_test
(Location 0x3F0), as described in Table 44. A continuous packet
transmission mode is also available in IEEE 802.15.4-2006 and
GFSK/FSK packet modes. This mode can be enabled using the
following procedure:
1.
An IEEE 80.215.4-2006 or a GFSK/FSK packet with
random payload should be written to TX_BUFFER as
described in the Transmitter section. It is recommended to
use a packet with the maximum length of 127 bytes.
2.
Set Register buffercfg, Field trx_mac_delay = 1.
3.
Set Register buffercfg, Field tx_buffer_mode = 3.
4.
Set Register pkt_cfg, Field skip_synth_settle = 1.
5.
Issue Command RC_TX. The transmitter continuously
transmits the packet stored in TX_BUFFER.
6.
If Command RC_PHY_RDY is issued at any point after
this step, all the preceding configuration registers must be
rewritten to the device before reissuing Command RC_TX.
Note that the transmitter momentarily transmits an RF carrier
between packets due to a finite delay from when the packet
handler finishes transmitting a packet in TX_BUFFER and
going back to transmit the start of TX_BUFFER again.
Table 44. 0x3F0: tx_fsk_test
Bit
Name
R/W
Reset Value
Description
[7:4]
Reserved
R/W
2
Reserved, set to default.
3
zero_only
R/W
0
Transmit 0 only (fCH − fDEV) in GFSK/FSK sport mode.
2
one_only
R/W
0
Transmit 1 only (fCH + fDEV) in GFSK/FSK sport mode.
1
carrier_only
R/W
0
Transmits unmodulated tone at the programmed frequency fCH.
0
Reserved
R/W
0
Reserved, set to default.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com