Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADG5413 Datasheet(PDF) 1 Page - Analog Devices

Part # ADG5413
Description  High Voltage Latch-Up Proof, Quad SPST Switches
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG5413 Datasheet(HTML) 1 Page - Analog Devices

  ADG5413 Datasheet HTML 1Page - Analog Devices ADG5413 Datasheet HTML 2Page - Analog Devices ADG5413 Datasheet HTML 3Page - Analog Devices ADG5413 Datasheet HTML 4Page - Analog Devices ADG5413 Datasheet HTML 5Page - Analog Devices ADG5413 Datasheet HTML 6Page - Analog Devices ADG5413 Datasheet HTML 7Page - Analog Devices ADG5413 Datasheet HTML 8Page - Analog Devices ADG5413 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
High Voltage Latch-Up Proof,
Quad SPST Switches
ADG5412/ADG5413
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2010 Analog Devices, Inc. All rights reserved.
FEATURES
Latch-up proof
8 kV human body model (HBM) ESD rating
Low on resistance (<10 Ω)
±9 V to ±22 V dual-supply operation
9 V to 40 V single-supply operation
48 V supply maximum ratings
Fully specified at ±15 V, ±20 V, +12 V, and +36 V
VSS to VDD analog signal range
APPLICATIONS
Relay replacement
Automatic test equipment
Data acquisition
Instrumentation
Avionics
Audio and video switching
Communication systems
FUNCTIONAL BLOCK DIAGRAMS
IN1
S1
D1
IN2
S2
D2
IN3
S3
D3
IN4
S4
D4
ADG5412
SWITCHES SHOWN FOR A LOGIC 1 INPUT.
IN2
S2
D2
IN3
S3
D3
IN1
S1
D1
IN4
S4
D4
ADG5413
Figure 1.
GENERAL DESCRIPTION
The ADG5412/ADG5413 contain four independent single-
pole/single-throw (SPST) switches. The ADG5412 switches
turn on with Logic 1. The ADG5413 has two switches with
digital control logic similar to that of the ADG5412; however,
the logic is inverted on the other two switches. Each switch
conducts equally well in both directions when on, and each
switch has an input signal range that extends to the supplies.
In the off condition, signal levels up to the supplies are blocked.
The ADG5412 and ADG5413 do not have a VL pin. The digital
inputs are compatible with 3 V logic inputs over the full
operating supply range.
The on-resistance profile is very flat over the full analog input
range, which ensures good linearity and low distortion when
switching audio signals. High switching speed also makes the
devices suitable for video signal switching. The ADG5413
exhibits break-before-make switching action for use in
multiplexer applications.
PRODUCT HIGHLIGHTS
1.
Trench isolation guards against latch-up. A dielectric trench
separates the P and N channel transistors thereby preventing
latch-up even under severe overvoltage conditions.
2.
Low RON.
3.
Dual-supply operation. For applications where the analog
signal is bipolar, the ADG5412/ADG5413 can be operated
from dual supplies up to ±22 V.
4.
Single-supply operation. For applications where the analog
signal is unipolar, the ADG5412/ADG5413 can be operated
from a single rail power supply up to 40 V.
5.
3 V logic compatible digital inputs: VINH = 2.0 V, VINL = 0.8 V.
6.
No VL logic power supply required.


Similar Part No. - ADG5413

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG5413 AD-ADG5413 Datasheet
340Kb / 20P
High Voltage Latch-Up Proof, Quad SPST Switches
REV. A
ADG5413BCPZ-REEL7 AD-ADG5413BCPZ-REEL7 Datasheet
340Kb / 20P
High Voltage Latch-Up Proof, Quad SPST Switches
REV. A
ADG5413BF AD-ADG5413BF Datasheet
583Kb / 28P
Bidirectional Fault Protection and Detection, 10 ohm RON, Quad SPST Switches
REV. B
ADG5413BF AD-ADG5413BF Datasheet
587Kb / 31P
짹60 V Fault Protection and Detection, 11 廓 RON, Dual SPST Switch
10/2020-Revision 0
ADG5413BFBCPZ-RL7 AD-ADG5413BFBCPZ-RL7 Datasheet
583Kb / 28P
Bidirectional Fault Protection and Detection, 10 ohm RON, Quad SPST Switches
REV. B
More results

Similar Description - ADG5413

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG5436 AD-ADG5436 Datasheet
306Kb / 20P
High Voltage Latch-Up Proof, Dual SPDT Switches
REV. 0
ADG5212 AD-ADG5212 Datasheet
339Kb / 20P
High Voltage Latch-Up Proof, Quad SPST Switches 0.07 pC charge injection
REV. 0
ADG5233 AD-ADG5233 Datasheet
360Kb / 24P
High Voltage Latch-Up Proof
REV. A
ADG5412 AD-ADG5412_11 Datasheet
340Kb / 20P
High Voltage Latch-Up Proof, Quad SPST Switches
REV. A
ADG5433 AD-ADG5433 Datasheet
378Kb / 24P
High Voltage Latch-Up Proof, Triple/Quad SPDT Switches
REV. B
ADG5436 AD-ADG5436_11 Datasheet
394Kb / 20P
High Voltage Latch-Up Proof, Dual SPDT Switches
REV. A
ADG5421 AD-ADG5421 Datasheet
386Kb / 20P
High Voltage Latch-Up Proof, Dual SPST Switches
REV. 0
ADG5433WBRUZ AD-ADG5433WBRUZ Datasheet
425Kb / 24P
High Voltage Latch-Up Proof, Triple/Quad SPDT Switches
REV. C
ADG5401 AD-ADG5401 Datasheet
375Kb / 17P
High Voltage Latch-Up Proof, Single SPST Switch
REV. A
ADG5433W AD-ADG5433W Datasheet
385Kb / 20P
High Voltage, Latch-Up Proof, Triple SPDT Switches
Apr-2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com