Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADG5413 Datasheet(PDF) 16 Page - Analog Devices

Part # ADG5413
Description  High Voltage Latch-Up Proof, Quad SPST Switches
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG5413 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADG5413 Datasheet HTML 12Page - Analog Devices ADG5413 Datasheet HTML 13Page - Analog Devices ADG5413 Datasheet HTML 14Page - Analog Devices ADG5413 Datasheet HTML 15Page - Analog Devices ADG5413 Datasheet HTML 16Page - Analog Devices ADG5413 Datasheet HTML 17Page - Analog Devices ADG5413 Datasheet HTML 18Page - Analog Devices ADG5413 Datasheet HTML 19Page - Analog Devices ADG5413 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
ADG5412/ADG5413
Rev. 0 | Page 16 of 20
TERMINOLOGY
IDD
IDD represents the positive supply current.
ISS
ISS represents the negative supply current.
VD, VS
VD and VS represent the analog voltage on Terminal D and
Terminal S, respectively.
RON
RON represents the ohmic resistance between Terminal D and
Terminal S.
ΔRON
ΔRON represents the difference between the RON of any two
channels.
RFLAT (ON)
Flatness that is defined as the difference between the maximum
and minimum value of on resistance measured over the specified
analog signal range is represented by RFLAT (ON).
IS (Off)
IS (Off) is the source leakage current with the switch off.
ID (Off)
ID (Off) is the drain leakage current with the switch off.
ID (On), IS (On)
ID (On) and IS (On) represent the channel leakage currents with
the switch on.
VINL
VINL is the maximum input voltage for Logic 0.
VINH
VINH is the minimum input voltage for Logic 1.
IINL, IINH
IINL and IINH represent the low and high input currents of the
digital inputs.
CD (Off)
CD (Off) represents the off switch drain capacitance, which is
measured with reference to ground.
CS (Off)
CS (Off) represents the off switch source capacitance, which is
measured with reference to ground.
CD (On), CS (On)
CD (On) and CS (On) represent on switch capacitances, which
are measured with reference to ground.
CIN
CIN is the digital input capacitance.
tON
tON represents the delay between applying the digital control
input and the output switching on.
tOFF
tOFF represents the delay between applying the digital control
input and the output switching off.
tD
tD represents the off time measured between the 80% point of
both switches when switching from one address state to
another.
Off Isolation
Off isolation is a measure of unwanted signal coupling through
an off switch.
Charge Injection
Charge injection is a measure of the glitch impulse transferred
from the digital input to the analog output during switching.
Crosstalk
Crosstalk is a measure of unwanted signal that is coupled
through from one channel to another as a result of parasitic
capacitance.
Bandwidth
Bandwidth is the frequency at which the output is attenuated
by 3 dB.
On Response
On response is the frequency response of the on switch.
Insertion Loss
Insertion loss is the loss due to the on resistance of the switch.
Total Harmonic Distortion + Noise (THD + N)
The ratio of the harmonic amplitude plus noise of the signal to
the fundamental is represented by THD + N.
AC Power Supply Rejection Ratio (ACPSRR)
ACPSRR is the ratio of the amplitude of signal on the output to the
amplitude of the modulation. This is a measure of the ability of
the part to avoid coupling noise and spurious signals that appear
on the supply voltage pin to the output of the switch. The dc voltage
on the device is modulated by a sine wave of 0.62 V p-p.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com