Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADP161 Datasheet(PDF) 10 Page - Analog Devices

Part # ADP161
Description  Ultralow Quiescent Current, 150 mA, CMOS Linear Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP161 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADP161 Datasheet HTML 6Page - Analog Devices ADP161 Datasheet HTML 7Page - Analog Devices ADP161 Datasheet HTML 8Page - Analog Devices ADP161 Datasheet HTML 9Page - Analog Devices ADP161 Datasheet HTML 10Page - Analog Devices ADP161 Datasheet HTML 11Page - Analog Devices ADP161 Datasheet HTML 12Page - Analog Devices ADP161 Datasheet HTML 13Page - Analog Devices ADP161 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
ADP160/ADP161
Rev. 0 | Page 10 of 20
0
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
10
100
10M
1M
100k
10k
1k
FREQUENCY (Hz)
LOAD = 200mA
LOAD = 100mA
LOAD = 10mA
LOAD = 1mA
LOAD = 100µA
Figure 19. Power Supply Rejection Ratio vs. Frequency, VOUT = 3.3 V, VIN = 4.3 V
0
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
10
100
10M
1M
100k
10k
1k
FREQUENCY (Hz)
LOAD = 3.3V/200mA
LOAD = 2.5V/200mA
LOAD = 1.2V/200mA
LOAD = 3.3V/1mA
LOAD = 2.5V/1mA
LOAD = 1.2V/1mA
Figure 20. Power Supply Rejection Ratio vs. Frequency
Various Output Voltages and Load Currents, VIN − VOUT = 1 V
0
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
10
100
10M
1M
100k
10k
1k
FREQUENCY (Hz)
LOAD = 200mA
LOAD = 100mA
LOAD = 10mA
LOAD = 1mA
LOAD = 100µA
Figure 21. Adjustable ADP161 Power Supply Rejection Ratio vs. Frequency,
VOUT = 3.3 V, VIN = 4.3 V
1k
1
10
100
0.001
0.01
1000
100
10
1
0.1
LOAD CURRENT (mA)
VOUT = 3.3V
VOUT = 2.5V
VOUT = 1.2V
ADJ 3.3V
Figure 22. Output Noise vs. Load Current and Output Voltage,
VIN = 5 V, COUT = 1 μF
10
0.1
1
10
100k
10k
1k
100
FREQUENCY (Hz)
VOUT = 1.2V
VOUT = 3.3V
VOUT = 2.5V
Figure 23. Output Noise Spectral Density, VIN = 5 V, ILOAD = 10 mA, COUT = 1 μF
CH1 100mA
Ω CH2 200mV
M200µs
A CH1
62mA
T 10.40%
1
2
T
LOAD CURRENT
VOUT
Figure 24. Load Transient Response, CIN, COUT = 1 μF, ILOAD = 1 mA to 150 mA,
200 ns Rise Time, CH1 = Load Current, CH2 = VOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com