Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADP161 Datasheet(PDF) 14 Page - Analog Devices

Part # ADP161
Description  Ultralow Quiescent Current, 150 mA, CMOS Linear Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP161 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADP161 Datasheet HTML 10Page - Analog Devices ADP161 Datasheet HTML 11Page - Analog Devices ADP161 Datasheet HTML 12Page - Analog Devices ADP161 Datasheet HTML 13Page - Analog Devices ADP161 Datasheet HTML 14Page - Analog Devices ADP161 Datasheet HTML 15Page - Analog Devices ADP161 Datasheet HTML 16Page - Analog Devices ADP161 Datasheet HTML 17Page - Analog Devices ADP161 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
ADP160/ADP161
Rev. 0 | Page 14 of 20
To guarantee the performance of the ADP160/ADP161, it is
imperative that the effects of dc bias, temperature, and tolerances
on the behavior of the capacitors are evaluated for each.
ENABLE FEATURE
The ADP160/ADP161 use the EN pin to enable and disable the
VOUT pin under normal operating conditions. As shown in
Figure 33, when a rising voltage on EN crosses the active threshold,
VOUT turns on. When a falling voltage on EN crosses the inactive
threshold, VOUT turns off.
4.5
3.5
2.5
4.0
3.0
2.0
1.5
0.5
1.0
0
0.5
0.7
0.9
1.1
1.3
1.5
EN VOLTAGE (V)
Figure 33. Typical EN Pin Operation
As shown in Figure 33, the EN pin has hysteresis built in. This
prevents on/off oscillations that can occur due to noise on the
EN pin as it passes through the threshold points.
The EN pin active/inactive thresholds are derived from the VIN
voltage. Therefore, these thresholds vary with changing input
voltage. Figure 34 shows typical EN active/inactive thresholds
when the input voltage varies from 2.2 V to 5.5 V.
1.1
1.0
0.9
0.8
0.7
0.6
0.5
2.0
2.5
3.0
3.5
EN RISE
EN FALL
4.0
4.5
5.0
INPUT VOLTAGE (V)
Figure 34. Typical EN Pin Thresholds vs. Input Voltage
The start-up and shutdown behavior of the ADP160 is shown in
Figure 35 and Figure 36.
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
04
4000
3500
3000
2500
2000
1500
1000
500
1.2V
2.5V
3.3V
500
TIME (µs)
EN
Figure 35. Typical Start-Up Behavior
4.5
3.5
4.0
3.0
2.5
2.0
1.5
1.0
0.5
0
01
800
600
400
200
1.2V
4.2V
000
TIME (µs)
EN
Figure 36. Typical Shutdown Behavior
CURRENT LIMIT AND THERMAL OVERLOAD
PROTECTION
The ADP160/ADP161 are protected against damage due to
excessive power dissipation by current and thermal overload
protection circuits. The ADP160/ADP161 are designed to
current limit when the output load reaches 320 mA (typical).
When the output load exceeds 320 mA, the output voltage is
reduced to maintain a constant current limit.
Thermal overload protection is included, which limits the junction
temperature to a maximum of 150°C (typical). Under extreme
conditions (that is, high ambient temperature and power dissipation),
when the junction temperature starts to rise above 150°C, the
output is turned off, reducing the output current to zero. When
the junction temperature drops below 135°C, the output is turned
on again and the output current is restored to its nominal value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com