Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATXMEGA128D4 Datasheet(PDF) 41 Page - ATMEL Corporation

Part # ATXMEGA128D4
Description  8/16-bit AVR XMEGA D4 Microcontroller
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATXMEGA128D4 Datasheet(HTML) 41 Page - ATMEL Corporation

Back Button ATXMEGA128D4 Datasheet HTML 37Page - ATMEL Corporation ATXMEGA128D4 Datasheet HTML 38Page - ATMEL Corporation ATXMEGA128D4 Datasheet HTML 39Page - ATMEL Corporation ATXMEGA128D4 Datasheet HTML 40Page - ATMEL Corporation ATXMEGA128D4 Datasheet HTML 41Page - ATMEL Corporation ATXMEGA128D4 Datasheet HTML 42Page - ATMEL Corporation ATXMEGA128D4 Datasheet HTML 43Page - ATMEL Corporation ATXMEGA128D4 Datasheet HTML 44Page - ATMEL Corporation ATXMEGA128D4 Datasheet HTML 45Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 100 page
background image
41
8135G–AVR–08/10
XMEGA D4
24. AC - Analog Comparator
24.1
Features
• Two Analog Comparators
• Selectable hysteresis
– No, Small or Large
• Analog Comparator output available on pin
• Flexible Input Selection
– All pins on the port
– Bandgap reference voltage.
– Voltage scaler that can perform a 64-level scaling of the internal VCC voltage.
• Interrupt and event generation on
– Rising edge
– Falling edge
–Toggle
• Window function interrupt and event generation on
– Signal above window
– Signal inside window
– Signal below window
24.2
Overview
XMEGA D4 features two Analog Comparators (AC). An Analog Comparator compares two volt-
ages, and the output indicates which input is largest. The Analog Comparator may be configured
to give interrupt requests and/or events upon several different combinations of input change.
Hysteresis can be adjusted in order to find the optimal operation for each application.
A wide range of input selection is available, both external pins and several internal signals can
be used.
The Analog Comparators are always grouped in pairs (AC0 and AC1) on each analog port. They
have identical behavior but separate control registers.
Optionally, the state of the comparator is directly available on a pin.
PORTA and has one AC pair. Notations of this peripheral is ACA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com