Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FS8308 Datasheet(PDF) 6 Page - Princeton Technology Corp

Part # FS8308
Description  Low Power PLL Frequency Synthesizer IC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

FS8308 Datasheet(HTML) 6 Page - Princeton Technology Corp

Back Button FS8308 Datasheet HTML 2Page - Princeton Technology Corp FS8308 Datasheet HTML 3Page - Princeton Technology Corp FS8308 Datasheet HTML 4Page - Princeton Technology Corp FS8308 Datasheet HTML 5Page - Princeton Technology Corp FS8308 Datasheet HTML 6Page - Princeton Technology Corp FS8308 Datasheet HTML 7Page - Princeton Technology Corp FS8308 Datasheet HTML 8Page - Princeton Technology Corp FS8308 Datasheet HTML 9Page - Princeton Technology Corp FS8308 Datasheet HTML 10Page - Princeton Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
Adv a nc e Inform ation
FS8308
Page 6
April 2003
Functional Description
Programmable Input Frequency Divider
The VCO input to the FIN pin is divided by the programmable divider and then internally
output to the phase/frequency detector (PFD) as f
V. The programmable input frequency
divider consists of a ÷ 64/65 (P/P+1) dual-modulus prescaler in prior to a 18-bit (N)
counter, which is further comprised of a 6-bit swallow (A) counter, and a 12-bit main (B)
counter. The total divide ratio, N, is related to values for P, A, and B through the relation
with
The minimum available programmable divisor for continuous counting is
given by
and the valid total divide ratio range for the
input divider is
Take N=10000 for example, since P=64 and hence that B=156 and A=16. Therefore, the
binary codes of B and A should be 0000 1001 1100 and 010000, respectively. An alterna-
tive approach is to translate the decimal N into binary code directly. And then just take the
last 6-bit as A and the remaining 12-bit as B. By far the binary code of N=10000 is
00 0010 0111 0001 0000. One can get the same result as the former method.
Programmable Reference Frequency Divider
The crystal oscillator output is divided by the programmable divider and then internally
output to the PFD as f
R. The programmable reference frequency divider consists of a fixed
÷ 8 (S) prescaler and a 13-bit reference (R) counter. The total divide ratio, T, is related to
values for S and R through the relation
The usable divisior range of the reference counter is
and therefore, the
valid total divide ratio range for the reference divider is
(in steps of
8.)
NP
1
+
() AP
B A
()
×
+
×
PB
A,
+
×
==
BA.
PP 1
()
×
64
63
×
4032,
==
M
4032 to 262143.
=
TS R
×
8
R.
×
==
R
5 to 8191
=
T
40 to 65528
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com