Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FS8308 Datasheet(PDF) 10 Page - Princeton Technology Corp

Part # FS8308
Description  Low Power PLL Frequency Synthesizer IC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

FS8308 Datasheet(HTML) 10 Page - Princeton Technology Corp

Back Button FS8308 Datasheet HTML 6Page - Princeton Technology Corp FS8308 Datasheet HTML 7Page - Princeton Technology Corp FS8308 Datasheet HTML 8Page - Princeton Technology Corp FS8308 Datasheet HTML 9Page - Princeton Technology Corp FS8308 Datasheet HTML 10Page - Princeton Technology Corp FS8308 Datasheet HTML 11Page - Princeton Technology Corp FS8308 Datasheet HTML 12Page - Princeton Technology Corp FS8308 Datasheet HTML 13Page - Princeton Technology Corp FS8308 Datasheet HTML 14Page - Princeton Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
Adv a nc e Inform ation
FS8308
Page 10
April 2003
Stand-by Mode
The stand-by mode for the PLL is entered by programming the PS bit to high. In the stand-
by mode, the XIN and FIN amplifiers, N-counter, and R-counter are stopped, as well as the
internal current bias for charge pump block, the N- and R-counters are also reset, and the
DO and DB outputs are set to the high impedance state. As long as voltage is supplied to
V
DD2, data loaded to the latches is kept. To exit from stand-by mode to normal operation,
the PS bit must be programmed to low.
Reference Crystal Oscillator Buffer Output (BO)
This IC provides a reference crystal oscillator buffer output intended to be used as a crys-
tal local oscillator to a 2nd mixer. The terminal is represented as BO. For cases to enhance
the buffer output swing, increasing V
DD1 will be an efficient way.
Filter Switch Control (SW)
Control of SW terminal by “SW” bit. This terminal is for switching time-constant of loop
filter. Output type of this terminal is open drain output. When constant of loop filter
doesn’t change by this switch, general open drain output is available. Note that there is an
internal 200
Ω resistor connected between and drain terminal and output pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com