Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PT6522 Datasheet(PDF) 3 Page - Princeton Technology Corp

Part # PT6522
Description  LCD Display Driver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT6522 Datasheet(HTML) 3 Page - Princeton Technology Corp

  PT6522 Datasheet HTML 1Page - Princeton Technology Corp PT6522 Datasheet HTML 2Page - Princeton Technology Corp PT6522 Datasheet HTML 3Page - Princeton Technology Corp PT6522 Datasheet HTML 4Page - Princeton Technology Corp PT6522 Datasheet HTML 5Page - Princeton Technology Corp PT6522 Datasheet HTML 6Page - Princeton Technology Corp PT6522 Datasheet HTML 7Page - Princeton Technology Corp PT6522 Datasheet HTML 8Page - Princeton Technology Corp PT6522 Datasheet HTML 9Page - Princeton Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
PT6522
V1.6
3
August 2010
ORDERING INFORMATION
Valid Part Number
Package Type
Top Code
PT6522-Q
64 pins, QFP
PT6522-Q
PT6522LQ
64 pins, LQFP
PT6522LQ
PIN CONFIGURATION
PIN DESCRIPTION
Pin Name
Description
Pin No.
SG1 to SG53
Segment output pins
1~23, 25~53
OSC
Oscillator connection
55
VSS, VDD
Power supply
59, 56
/INH
Display off control input
/INH=low (VSS)=Display off (SG1 to SG53, COM1, COM2=low)
/INH=high (VDD)=Display on
Note that serial data transfers are allowed when display output is turned off using this
pin.
57
VLCD
LCD bias voltage setting
58
CE, CLK, DI
Serial data transfer inputs
60, 61, 62
COM1, COM2
Common output pins (For static (1/1) drive only COM1 is used, COM2 must be left
open)
64, 63
NC
No connection
24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com