Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PT6522 Datasheet(PDF) 8 Page - Princeton Technology Corp

Part # PT6522
Description  LCD Display Driver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT6522 Datasheet(HTML) 8 Page - Princeton Technology Corp

Back Button PT6522 Datasheet HTML 4Page - Princeton Technology Corp PT6522 Datasheet HTML 5Page - Princeton Technology Corp PT6522 Datasheet HTML 6Page - Princeton Technology Corp PT6522 Datasheet HTML 7Page - Princeton Technology Corp PT6522 Datasheet HTML 8Page - Princeton Technology Corp PT6522 Datasheet HTML 9Page - Princeton Technology Corp PT6522 Datasheet HTML 10Page - Princeton Technology Corp PT6522 Datasheet HTML 11Page - Princeton Technology Corp PT6522 Datasheet HTML 12Page - Princeton Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
PT6522
V1.6
8
August 2010
ABSOLUTE MAXIMUM RATINGS
(Unless otherwise specified, Ta=25℃, VSS=0V)
Parameter
Symbol
Conditions
Ratings
Unit
Maximum supply voltage
VDDmax
VDD
-0.3 to +7.0
V
VLCD
VLCD
-0.3 to VDD +0.3
V
Input voltage
VIN1
CE, CLK, DI, /INH
-0.3 to +7.0
V
VIN2
OSC: output off
-0.3 to VDD +0.3
V
Output voltage
VOUT
OSC: output off
-0.3 to VDD +0.3
V
Output current
IOUT1
SG1 to SG53
100
μA
IOUT2
COM1, COM2
1.0
mA
Allowable power dissipation
Pd max
Ta=85℃
100
mW
Operating temperature
Topr
-
-40 to +85
℃
Storage temperature
Tstg
-
-65 to +150
℃
ELECTRICAL CHARACTERISTICS
(Unless otherwise specified, Ta=25℃, VSS=0V)
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
High-level input current
IIH
CE, CLK, DI, /INH: VDD
-
-
5
μA
Low-level input current
IIL
CE, CLK, DI, /INH: VI=0V
-5
-
-
μA
High-level output
voltage
VOH1
SG1 to SG53: IO=-10μA
VLCD - 1.0
-
-
V
Low-level output voltage
VOL1
SG1 to SG53: IO=10μA
-
-
1.0
V
High-level output
voltage
VOH2
COM1, COM2: IO=-100μA
VLCD - 0.6
-
-
V
Low-level output voltage
VOL2
COM1, COM2: IO=100μA
-
-
0.6
V
Mid-level voltage
VMID1
COM1, COM2: VLCD=6.5V, IO=±100μA
2.65
3.25
3.85
V
VMID2
COM1, COM2: VLCD=3.0V, IO=±100μA
0.9
1.5
2.1
V
Oscillator frequency
FOSC
OSC: R=51KΩ, C=680pF
40
50
60
KHz
Hysteresis width
VH
CE, CLK, DI: VDD=5V
0.3
-
-
V
Supply current
IDD
VDD=5V, Output=open
-
-
0.5
mA
ILCD
VLCD
-
-
2
mA
ALLOWABLE OPERATING RANGES
(Unless otherwise specified, Ta=25℃, VSS=0V)
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Supply voltage
VDD
VDD
3.0
-
6.5
V
VLCD
VLCD
3.0
-
VDD
V
High-level input voltage
VIH1
/INH
0.7 VDD
-
6.5
V
Low-level input voltage
VIL1
/INH
0
-
0.3 VDD
V
High-level input voltage
VIH2
CE, CLK, DI
0.8 VDD
-
6.5
V
Low-level input voltage
VIL2
CE, CLK, DI
0
-
0.2 VDD
V
Recommended external resistance
ROSC
OSC
-
51
-
KΩ
Recommended external capacitance
COSC
OSC
-
680
-
pF
Guaranteed oscillation range
FOSC
OSC
25
50
100
KHz
Clock low-level pulse width (See figure)
toL
CLK
250
-
-
ns
Clock high-level pulse width (See figure)
toH
CLK
250
-
-
ns
Data setup time (See figure)
tds
CLK, DI
250
-
-
ns
Data hold time (See figure)
tdh
CLK, DI
250
-
-
ns
CE wait time (See figure)
tcp
CE, CLK
250
-
-
ns
CE setup time (See figure)
tcs
CE, CLK
250
-
-
ns
CE hold time (See figure)
tch
CE, CLK
250
-
-
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com