Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F2L358CDFP Datasheet(PDF) 56 Page - Renesas Technology Corp

Part # R5F2L358CDFP
Description  RENESAS MCU
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F2L358CDFP Datasheet(HTML) 56 Page - Renesas Technology Corp

Back Button R5F2L358CDFP Datasheet HTML 52Page - Renesas Technology Corp R5F2L358CDFP Datasheet HTML 53Page - Renesas Technology Corp R5F2L358CDFP Datasheet HTML 54Page - Renesas Technology Corp R5F2L358CDFP Datasheet HTML 55Page - Renesas Technology Corp R5F2L358CDFP Datasheet HTML 56Page - Renesas Technology Corp R5F2L358CDFP Datasheet HTML 57Page - Renesas Technology Corp R5F2L358CDFP Datasheet HTML 58Page - Renesas Technology Corp R5F2L358CDFP Datasheet HTML 59Page - Renesas Technology Corp R5F2L358CDFP Datasheet HTML 60Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 75 page
background image
R8C/L35C Group, R8C/L36C Group, R8C/L38C Group, R8C/L3AC Group
5. Electrical Characteristics
REJ03B0293-0100 Rev.1.00
Page 56 of 72
Jun 25, 2010
5.4
DC Characteristics
Note:
1. This applies when the drive capacity of the output transistor is set to High by registers P10DRR and P11DRR. When the drive
capacity is set to Low, the value of any other pin applies.
Table 5.17
DC Characteristics (1) [4.0 V
≤ Vcc ≤ 5.5 V]
(Topr =
−20 to 85°C (N version) / −40 to 85°C (D version), unless otherwise specified.)
Symbol
Parameter
Condition
Standard
Unit
Min.
Typ.
Max.
VOH
Output “H” voltage Port P10, P11 (1)
VCC = 5V
IOH =
−20 mA
VCC
− 2.0
—
VCC
V
Other pins
VCC = 5V
IOH =
−5 mA
VCC
− 2.0
—
VCC
V
XOUT
VCC = 5V
IOH =
−200 µA1.0
—
—
V
VOL
Output “L” voltage
Port P10, P11 (1)
VCC = 5V
IOL = 20 mA
——
2.0
V
Other pins
VCC = 5V
IOL = 5 mA
—
—
2.0
V
XOUT
VCC = 5V
IOL = 200
µA—
—
0.5
V
VT+-VT-
Hysteresis
INT0, INT1, INT2,
INT3, INT4, INT5,
INT6, INT7,
KI0, KI1, KI2, KI3,
KI4, KI5, KI6, KI7,
TRAIO,
TRCIOA, TRCIOB,
TRCIOC, TRCIOD,
TRDIOA0, TRDIOB0,
TRDIOC0, TRDIOD0,
TRDIOA1, TRDIOB1,
TRDIOC1, TRDIOD1,
TRCTRG, TRCCLK,
TRGCLKA,
TRGCLKB, TRGIOA,
TRGIOB, ADTRG,
RXD0, RXD1, RXD2,
CLK0, CLK1, CLK2,
SSI, SCL, SDA, SSO
0.05
0.5
—
V
RESET, WKUP0
0.1
1.0
—
V
IIH
Input “H” current
VI = 5.0 V, VCC = 5.0 V
—
—
5.0
µA
IIL
Input “L” current
VI = 0 V, VCC = 5.0 V
—
—
−5.0
µA
RPULLUP Pull-up resistance
VI = 0 V, VCC = 5.0 V
25
50
100
k
Ω
RfXIN
Feedback
resistance
XIN
—
0.3
—
M
Ω
RfXCIN
Feedback
resistance
XCIN
—
14
—
M
Ω
VRAM
RAM hold voltage
During stop mode
1.8
—
—
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com