Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F2L358CDFP Datasheet(PDF) 66 Page - Renesas Technology Corp

Part # R5F2L358CDFP
Description  RENESAS MCU
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F2L358CDFP Datasheet(HTML) 66 Page - Renesas Technology Corp

Back Button R5F2L358CDFP Datasheet HTML 62Page - Renesas Technology Corp R5F2L358CDFP Datasheet HTML 63Page - Renesas Technology Corp R5F2L358CDFP Datasheet HTML 64Page - Renesas Technology Corp R5F2L358CDFP Datasheet HTML 65Page - Renesas Technology Corp R5F2L358CDFP Datasheet HTML 66Page - Renesas Technology Corp R5F2L358CDFP Datasheet HTML 67Page - Renesas Technology Corp R5F2L358CDFP Datasheet HTML 68Page - Renesas Technology Corp R5F2L358CDFP Datasheet HTML 69Page - Renesas Technology Corp R5F2L358CDFP Datasheet HTML 70Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 75 page
background image
R8C/L35C Group, R8C/L36C Group, R8C/L38C Group, R8C/L3AC Group
5. Electrical Characteristics
REJ03B0293-0100 Rev.1.00
Page 66 of 72
Jun 25, 2010
Note:
1. 1tCYC = 1/f1(s)
Figure 5.7
I/O Timing of I2C bus Interface
Table 5.24
Timing Requirements of I2C bus Interface (1)
(VCC = 1.8 to 5.5 V, VSS = 0 V, and Topr =
−20 to 85°C (N version) / −40 to 85°C (D version),
unless otherwise specified.)
Symbol
Parameter
Condition
Standard
Unit
Min.
Typ.
Max.
tSCL
SCL input cycle time
12tCYC + 600 (1)
——
ns
tSCLH
SCL input “H” width
3tCYC + 300 (1)
——
ns
tSCLL
SCL input “L” width
5tCYC + 500 (1)
——
ns
tsf
SCL, SDA input fall time
—
—
300
ns
tSP
SCL, SDA input spike pulse rejection time
——
1tCYC (1)
ns
tBUF
SDA input bus-free time
5tCYC (1)
——
ns
tSTAH
Start condition input hold time
3tCYC (1)
——
ns
tSTAS
Retransmit start condition input setup time
3tCYC (1)
——
ns
tSTOP
Stop condition input setup time
3tCYC (1)
——
ns
tSDAS
Data input setup time
1tCYC + 40 (1)
——
ns
tSDAH
Data input hold time
10
—
—
ns
SDA
tSTAH
tSCLL
tBUF
VIH
VIL
tSCLH
SCL
tsr
tsf
tSDAH
tSCL
tSTAS
tSP
tSTOP
tSDAS
P(2)
S(1)
Sr(3)
P(2)
Notes:
1. Start condition
2. Stop condition
3. Retransmit start condition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com