Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F2M121ANDD Datasheet(PDF) 42 Page - Renesas Technology Corp

Part # R5F2M121ANDD
Description  RENESAS MCU
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F2M121ANDD Datasheet(HTML) 42 Page - Renesas Technology Corp

Back Button R5F2M121ANDD Datasheet HTML 38Page - Renesas Technology Corp R5F2M121ANDD Datasheet HTML 39Page - Renesas Technology Corp R5F2M121ANDD Datasheet HTML 40Page - Renesas Technology Corp R5F2M121ANDD Datasheet HTML 41Page - Renesas Technology Corp R5F2M121ANDD Datasheet HTML 42Page - Renesas Technology Corp R5F2M121ANDD Datasheet HTML 43Page - Renesas Technology Corp R5F2M121ANDD Datasheet HTML 44Page - Renesas Technology Corp R5F2M121ANDD Datasheet HTML 45Page - Renesas Technology Corp R5F2M121ANDD Datasheet HTML 46Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 48 page
background image
R8C/M11A Group, R8C/M12A Group
4. Electrical Characteristics
Under development Preliminary document
Specifications in this document are tentative and subject to change.
R01DS0010EJ0010 Rev.0.10
Page 42 of 45
Aug 25, 2010
Timing Requirements (Vcc = 2.2 V, Vss = 0 V at Topr = 25
°C, unless otherwise specified)
Figure 4.12
XIN Input Timing When Vcc = 2.2 V
Figure 4.13
TRJIO Input Timing When Vcc = 2.2 V
Table 4.27
XIN Input
Symbol
Parameter
Standard
Unit
Min.
Max.
tc(XIN)
XIN input cycle time
200
—
ns
tWH(XIN)
XIN input high width
90
—
ns
tWL(XIN)
XIN input low width
90
—
ns
Table 4.28
TRJIO Input
Symbol
Parameter
Standard
Unit
Min.
Max.
tc(TRJIO)
TRJIO input cycle time
500
—
ns
tWH(TRJIO)
TRJIO input high width
200
—
ns
tWL(TRJIO)
TRJIO input low width
200
—
ns
Vcc = 2.2 V
XIN input
tWH(XIN)
tC(XIN)
tWL(XIN)
Vcc = 2.2 V
TRJIO input
tWH(TRJIO)
tC(TRJIO)
tWL(TRJIO)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com