Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F2M121ANDD Datasheet(PDF) 30 Page - Renesas Technology Corp

Part # R5F2M121ANDD
Description  RENESAS MCU
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F2M121ANDD Datasheet(HTML) 30 Page - Renesas Technology Corp

Back Button R5F2M121ANDD Datasheet HTML 26Page - Renesas Technology Corp R5F2M121ANDD Datasheet HTML 27Page - Renesas Technology Corp R5F2M121ANDD Datasheet HTML 28Page - Renesas Technology Corp R5F2M121ANDD Datasheet HTML 29Page - Renesas Technology Corp R5F2M121ANDD Datasheet HTML 30Page - Renesas Technology Corp R5F2M121ANDD Datasheet HTML 31Page - Renesas Technology Corp R5F2M121ANDD Datasheet HTML 32Page - Renesas Technology Corp R5F2M121ANDD Datasheet HTML 33Page - Renesas Technology Corp R5F2M121ANDD Datasheet HTML 34Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 48 page
background image
R8C/M11A Group, R8C/M12A Group
4. Electrical Characteristics
Under development Preliminary document
Specifications in this document are tentative and subject to change.
R01DS0010EJ0010 Rev.0.10
Page 30 of 45
Aug 25, 2010
Notes:
1. The measurement condition is Topr = -20
°C to 85 °C (N version)/-40 °C to 85 °C (D version), unless otherwise specified.
2. To use the power-on reset function, enable the voltage monitor 0 reset by setting the LVDAS bit in the OFS register to 0.
Figure 4.3
Power-On Reset Circuit Electrical Characteristics
Table 4.9
Power-On Reset Circuit (2)
Symbol
Parameter
Condition
Standard
Unit
Min.
Typ.
Max.
trth
External power Vcc rise gradient
0
—
50,000
mV/msec
Notes:
1. Vdet0 indicates the voltage detection level of the voltage detection 0 circuit. For details, see 7. Voltage Detection Circuit
in the User’s Manual: Hardware.
2. tw(por) is required for a power-on reset to be enabled with the external power Vcc held below the valid voltage (0.5 V) to
enable a power-on reset. When Vcc decreases with voltage monitor 0 reset disabled and then turns on, maintain tw(por) for
1 ms or more.
Vdet0 (1)
Internal reset signal
(low active)
0.5 V
tw(por) (2)
trth
Voltage detection 0
circuit response time
External power Vcc
trth
× 256
1
fLOCO
× 256
1
fLOCO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com