Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7441 Datasheet(PDF) 1 Page - Analog Devices

Part # AD7441
Description  Pseudo Differential Input, 1 MSPS, 10-/12-Bit ADCs in an 8-Lead SOT-23
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7441 Datasheet(HTML) 1 Page - Analog Devices

  AD7441 Datasheet HTML 1Page - Analog Devices AD7441 Datasheet HTML 2Page - Analog Devices AD7441 Datasheet HTML 3Page - Analog Devices AD7441 Datasheet HTML 4Page - Analog Devices AD7441 Datasheet HTML 5Page - Analog Devices AD7441 Datasheet HTML 6Page - Analog Devices AD7441 Datasheet HTML 7Page - Analog Devices AD7441 Datasheet HTML 8Page - Analog Devices AD7441 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
Pseudo Differential Input, 1 MSPS,
10-/12-Bit ADCs in an 8-Lead SOT-23
AD7441/AD7451
Rev. D
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2003–2010 Analog Devices, Inc. All rights reserved.
FEATURES
Fast throughput rate: 1 MSPS
Specified for VDD of 2.7 V to 5.25 V
Low power at maximum throughput rate:
4 mW maximum at 1 MSPS with VDD = 3 V
9.25 mW maximum at 1 MSPS with VDD = 5 V
Pseudo differential analog input
Wide input bandwidth:
70 dB SINAD at 100 kHz input frequency
Flexible power/serial clock speed management
No pipeline delays
High speed serial interface:
SPI®-/QSPI™-/MICROWIRE™-/DSP-compatible
Power-down mode: 1 μA maximum
8-lead SOT-23 and MSOP packages
APPLICATIONS
Transducer interface
Battery-powered systems
Data acquisition systems
Portable instrumentation
FUNCTIONAL BLOCK DIAGRAM
VREF
T/H
CONTROL LOGIC
12-BIT
SUCCESSIVE
APPROXIMATION
ADC
GND
SCLK
SDATA
CS
VDD
AD7441/AD7451
VIN+
VIN–
Figure 1.
GENERAL DESCRIPTION
The AD7441/AD74511 are, respectively, 10-/12-bit high speed,
low power, single-supply, successive approximation (SAR),
analog-to-digital converters (ADCs) that feature a pseudo
differential analog input. These parts operate from a single
2.7 V to 5.25 V power supply and achieve very low power
dissipation at high throughput rates of up to 1 MSPS.
The AD7441/AD7451 contain a low noise, wide bandwidth,
differential track-and-hold (T/H) amplifier that handles input
frequencies up to 3.5 MHz. The reference voltage for these
devices is applied externally to the VREF pin and can range from
100 mV to VDD, depending on the power supply and what suits
the application.
The conversion process and data acquisition are controlled
using CS and the serial clock, allowing the device to interface
with microprocessors or DSPs. The input signals are sampled
on the falling edge of CS when the conversion is initiated.
The SAR architecture of these parts ensures that there are no
pipeline delays.
1 Protected by U.S. Patent Number 6,681,332.
PRODUCT HIGHLIGHTS
1.
Operation with 2.7 V to 5.25 V Power Supplies.
2.
High Throughput with Low Power Consumption.
With a 3 V supply, the AD7441/AD7451 offer 4 mW maxi-
mum power consumption for a 1 MSPS throughput rate.
3.
Pseudo Differential Analog Input.
4.
Flexible Power/Serial Clock Speed Management.
The conversion rate is determined by the serial clock,
allowing the power to be reduced as the conversion time
is reduced through the serial clock speed increase. These
parts also feature a shutdown mode to maximize power
efficiency at lower throughput rates.
5.
Variable Voltage Reference Input.
6.
No Pipeline Delays.
7.
Accurate Control of Sampling Instant via CS Input and
Once-Off Conversion Control.
8.
ENOB > 10 Bits Typically with 500 mV Reference.


Similar Part No. - AD7441

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7441 AD-AD7441 Datasheet
208Kb / 15P
Pseudo Differential, 1MSPS, 12- & 10-Bit ADCs in 8-lead SOT-23
AD74412R AD-AD74412R Datasheet
1Mb / 66P
Quad-Channel, Software Configurable Input/Output
Rev. A
AD74412RBCPZ AD-AD74412RBCPZ Datasheet
1Mb / 66P
Quad-Channel, Software Configurable Input/Output
Rev. A
AD74412RBCPZ-REEL AD-AD74412RBCPZ-REEL Datasheet
1Mb / 66P
Quad-Channel, Software Configurable Input/Output
Rev. A
AD74412RBCPZ-RL7 AD-AD74412RBCPZ-RL7 Datasheet
1Mb / 66P
Quad-Channel, Software Configurable Input/Output
Rev. A
More results

Similar Description - AD7441

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7451 AD-AD7451 Datasheet
208Kb / 15P
Pseudo Differential, 1MSPS, 12- & 10-Bit ADCs in 8-lead SOT-23
AD7440 AD-AD7440 Datasheet
771Kb / 28P
Differential Input, 1 MSPS 10-Bit and 12-Bit ADCs in an 8-Lead SOT-23
2/04-Data Sheet changed from Rev. A to Rev. B
AD7440BRT AD-AD7440BRT Datasheet
784Kb / 28P
Differential Input, 1 MSPS ADCs in an 8-Lead SOT-23
REV. C
AD7440 AD-AD7440_15 Datasheet
864Kb / 29P
Differential Input, 1 MSPS 10-Bit and 12-Bit ADCs in an 8-Lead SOT-23
REV. C
AD7441 AD-AD7441_15 Datasheet
722Kb / 25P
Pseudo Differential Input, 1 MSPS, 10-/12-Bit ADCs in an 8-Lead SOT-23
REV. D
AD7450A AD-AD7450A_15 Datasheet
864Kb / 29P
Differential Input, 1 MSPS 10-Bit and 12-Bit ADCs in an 8-Lead SOT-23
REV. C
AD7451 AD-AD7451_15 Datasheet
722Kb / 25P
Pseudo Differential Input, 1 MSPS, 10-/12-Bit ADCs in an 8-Lead SOT-23
REV. D
AD7476 AD-AD7476_15 Datasheet
560Kb / 25P
1 MSPS, 12-/10-/8-Bit ADCs in 6-Lead SOT-23
Rev. F
AD7478 AD-AD7478_15 Datasheet
560Kb / 25P
1 MSPS, 12-/10-/8-Bit ADCs in 6-Lead SOT-23
Rev. F
AD7440 AD-AD7440_V01 Datasheet
674Kb / 27P
Differential Input, 1 MSPS 10-Bit and 12-Bit ADCs in an 8-Lead SOT-23
Rev. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com