Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7441 Datasheet(PDF) 20 Page - Analog Devices

Part # AD7441
Description  Pseudo Differential Input, 1 MSPS, 10-/12-Bit ADCs in an 8-Lead SOT-23
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7441 Datasheet(HTML) 20 Page - Analog Devices

Back Button AD7441 Datasheet HTML 16Page - Analog Devices AD7441 Datasheet HTML 17Page - Analog Devices AD7441 Datasheet HTML 18Page - Analog Devices AD7441 Datasheet HTML 19Page - Analog Devices AD7441 Datasheet HTML 20Page - Analog Devices AD7441 Datasheet HTML 21Page - Analog Devices AD7441 Datasheet HTML 22Page - Analog Devices AD7441 Datasheet HTML 23Page - Analog Devices AD7441 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
AD7441/AD7451
Rev. D | Page 20 of 24
POWER VS. THROUGHPUT RATE
By using the power-down mode on the device when not con-
verting, the average power consumption of the ADC decreases
at lower throughput rates. Figure 32 shows how, as the through-
put rate is reduced, the device remains in its power-down state
longer and the average power consumption reduces accordingly.
For example, if the AD7441/AD7451 are operated in continuous
sampling mode with a throughput rate of 100 kSPS and an SCLK
of 18 MHz, and the device is placed in the power-down mode
between conversions, then the power consumption during
normal operation equals 9.25 mW maximum (for VDD = 5 V).
If the power-up time is one dummy cycle (1 μs) and the remain-
ing conversion time is another cycle (1 μs), then the AD7441/
AD7451 can be said to dissipate 9.25 mW for 2 μs during each
conversion cycle. (This power consumption figure assumes a
very short time to enter power-down mode. This power figure
increases as the burst of clocks used to enter power-down mode
is increased). The AD7441/AD7451 consume just 5 μW for the
remaining 8 μs.
Calculate the power numbers in Figure 32 as follows:
If the throughput rate = 100 kSPS, then the cycle time = 10 μs,
and the average power dissipated during each cycle is
(2/10) × 9.25 mW = 1.85 mW
For the same scenario, if VDD = 3 V, the power dissipation
during normal operation is 4 mW maximum.
The AD7441/AD7451 can now be said to dissipate 4 mW for
2 μs during each conversion cycle.
The average power dissipated during each cycle with a
throughput rate of 100 kSPS is, therefore,
(2/10) × 4 mW = 0.8 mW
THROUGHPUT (kSPS)
100
0350
0.01
50
100
150
200
250
300
0.1
1
10
VDD = 5V
VDD = 3V
Figure 32. Power vs. Throughput Rate for Power-Down Mode
For optimum power performance in throughput rates above
320 kSPS, it is recommended that the serial clock frequency be
reduced.
MICROPROCESSOR AND DSP INTERFACING
The serial interface on the AD7441/AD7451 allows the part to
be connected directly to a range of different microprocessors.
This section explains how to interface the AD7441/AD7451
with some of the more common microcontroller and DSP serial
interface protocols.
AD7441/AD7451 to ADSP-21xx
The ADSP-21xx family of DSPs is interfaced directly to the
AD7441/AD7451 without any glue logic required. The SPORT
control register is set up as follows:
TFSW = RFSW = 1
Alternate framing
INVRFS = INVTFS = 1
Active low frame signal
DTYPE = 00
Right justify data
SLEN = 1111
16-bit data-words
ISCLK = 1
Internal serial clock
TFSR = RFSR = 1
Frame every word
IRFS = 0
ITFS = 1
To implement power-down mode, SLEN is set to 1001 to issue
an 8-bit SCLK burst.
The connection diagram is shown in Figure 33. ADSP-21xx has
the TFS and RFS of the SPORT tied together, with TFS set as an
output and RFS set as an input. The DSP operates in alternate
framing mode, and the SPORT control register is set up as
described. The frame synchronization signal generated on the
TFS is tied to CS, and, as with all signal processing applications,
equidistant sampling is necessary. However, in this example,
the timer interrupt is used to control the sampling rate of the
ADC, and, under certain conditions, equidistant sampling
cannot be achieved.
AD7441/
AD7451*
ADSP-21xx*
SCLK
DR
RFS
TFS
SCLK
SDATA
CS
*ADDITIONAL PINS REMOVED FOR CLARITY.
Figure 33. Interfacing to the ADSP-21xx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com