Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7451ARMZ Datasheet(PDF) 9 Page - Analog Devices

Part # AD7451ARMZ
Description  Pseudo Differential Input, 1 MSPS, 10-/12-Bit ADCs in an 8-Lead SOT-23
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7451ARMZ Datasheet(HTML) 9 Page - Analog Devices

Back Button AD7451ARMZ Datasheet HTML 5Page - Analog Devices AD7451ARMZ Datasheet HTML 6Page - Analog Devices AD7451ARMZ Datasheet HTML 7Page - Analog Devices AD7451ARMZ Datasheet HTML 8Page - Analog Devices AD7451ARMZ Datasheet HTML 9Page - Analog Devices AD7451ARMZ Datasheet HTML 10Page - Analog Devices AD7451ARMZ Datasheet HTML 11Page - Analog Devices AD7451ARMZ Datasheet HTML 12Page - Analog Devices AD7451ARMZ Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
AD7441/AD7451
Rev. D | Page 9 of 24
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
VDD
SCLK
SDATA
CS
8
7
6
5
VREF 1
VIN+ 2
VIN– 3
GND 4
AD7441/
AD7451
TOP VIEW
(Not to Scale)
Figure 5. 8-Lead MSOP Pin Configuration
VREF
VIN+
VIN–
GND
8
7
6
5
VDD 1
SCLK 2
SDATA 3
CS 4
AD7441/
AD7451
TOP VIEW
(Not to Scale)
Figure 6. 8-Lead SOT-23 Pin Configuration
Table 5. Pin Function Descriptions
Pin. No.
Mnemonic
Description
MSOP
SOT-23
1
8
VREF
Reference Input for the AD7441/AD7451. An external reference in the range of 100 mV to VDD must be
applied to this input. The specified reference input is 2.5 V. This pin is decoupled to GND with a capacitor
of at least 0.1 μF.
2
7
VIN+
Noninverting Analog Input.
3
6
VIN–
Inverting Input. This pin sets the ground reference point for the VIN+ input. Connect to ground or to a dc
offset to provide a pseudo ground.
4
5
GND
Analog Ground. Ground reference point for all circuitry on the AD7441/AD7451. All analog input signals
and any external reference signal are referred to this GND voltage.
5
4
CS
Chip Select. Active low logic input. This input provides the dual function of initiating a conversion on
the AD7441/AD7451 and framing the serial data transfer.
6
3
SDATA
Serial Data, Logic Output. The conversion result from the AD7441/AD7451 is provided on this output as
a serial data stream. The bits are clocked out on the falling edge of the SCLK input. The data stream of
the AD7451 consists of four leading zeros followed by the 12 bits of conversion data that are provided
MSB first; the data stream of the AD7441 consists of four leading zeros, followed by the 10 bits of con-
version data, followed by two trailing zeros. In both cases, the output coding is straight (natural) binary.
7
2
SCLK
Serial Clock, Logic Input. SCLK provides the serial clock for accessing data from the part. This clock input
is also used as the clock source for the conversion process.
8
1
VDD
Power Supply Input. VDD is 2.7 V to 5.25 V. This supply is decoupled to GND with a 0.1 μF capacitor and a
10 μF tantalum capacitor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com