Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7451ARMZ Datasheet(PDF) 17 Page - Analog Devices

Part # AD7451ARMZ
Description  Pseudo Differential Input, 1 MSPS, 10-/12-Bit ADCs in an 8-Lead SOT-23
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7451ARMZ Datasheet(HTML) 17 Page - Analog Devices

Back Button AD7451ARMZ Datasheet HTML 13Page - Analog Devices AD7451ARMZ Datasheet HTML 14Page - Analog Devices AD7451ARMZ Datasheet HTML 15Page - Analog Devices AD7451ARMZ Datasheet HTML 16Page - Analog Devices AD7451ARMZ Datasheet HTML 17Page - Analog Devices AD7451ARMZ Datasheet HTML 18Page - Analog Devices AD7451ARMZ Datasheet HTML 19Page - Analog Devices AD7451ARMZ Datasheet HTML 20Page - Analog Devices AD7451ARMZ Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
AD7441/AD7451
Rev. D | Page 17 of 24
Timing Example 2
Timing Example 1
Having fSCLK = 5 MHz and a throughput rate of 315 kSPS gives a
cycle time of
Having fSCLK = 18 MHz and a throughput rate of 1 MSPS gives a
cycle time of
1/Throughput = 1/315,000 = 3.174 μs
1/Throughput = 1/1,000,000 = 1 μs
A cycle consists of
A cycle consists of
t2 + 12.5 (1/fSCLK) + tACQUISITION = 3.174 μs
t2 + 12.5 (1/fSCLK) + tACQUISITION = 1 μs
Therefore, if t2 is 10 ns, then
Therefore, if t2 = 10 ns, then
10 ns + 12.5 (1/5 MHz) + tACQUISITION = 3.174 μs
tACQUISITION = 664 ns
10 ns + 12.5 (1/18 MHz) + tACQUISITION = 1 μs
tACQUISITION = 296 ns
This 664 ns satisfies the requirement of 290 ns for tACQUISITION.
This 296 ns satisfies the requirement of 290 ns for tACQUISITION.
From Figure 28, tACQUISITION comprises
From Figure 28, tACQUISITION comprises
2.5 (1/fSCLK) + t8 = tQUIET
2.5 (1/fSCLK) + t8 = tQUIET
where t8 = 35 ns. This allows a value of 129 ns for tQUIET,
satisfying the minimum requirement of 60 ns.
where t8 = 35 ns. This allows a value of 122 ns for tQUIET,
satisfying the minimum requirement of 60 ns.
As in this example and with other slower clock values, the signal
can already be acquired before the conversion is complete, but it
is still necessary to leave 60 ns minimum tQUIET between conver-
sions. In Example 2, the signal is fully acquired at approximately
Point C in Figure 28.
t2
t8
t6
t5
tCONVERT
CS
SCLK
12
3
4
5
13
14
15
16
12.5(1/
fSCLK)
tACQUISITION
1/THROUGHPUT
tQUIET
10ns
B
C
Figure 28. Serial Interface Timing Example



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com