| Electronic Components Datasheet Search |
|
PIC16F1829-I/ST Datasheet(PDF) 25 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F1829-I/ST Datasheet(HTML) 25 Page - Microchip Technology |
|
25 / 420 page ![]() 2010 Microchip Technology Inc. Preliminary DS41440A-page 25 PIC16F/LF1825/1829 3.1.1.2 Indirect Read with FSR The program memory can be accessed as data by set- ting bit 7 of the FSRxH register and reading the match- ing INDFx register. The MOVIW instruction will place the lower 8 bits of the addressed word in the W register. Writes to the program memory cannot be performed via the INDF registers. Instructions that access the pro- gram memory via the FSR require one extra instruction cycle to complete. Example 3-2 demonstrates access- ing the program memory via an FSR. The HIGH directive will set bit<7> if a label points to a location in program memory. EXAMPLE 3-2: ACCESSING PROGRAM MEMORY VIA FSR 3.2 Data Memory Organization The data memory is partitioned in 32 memory banks with 128 bytes in a bank. Each bank consists of (Figure 3-2): • 12 core registers • 20 Special Function Registers (SFR) • Up to 80 bytes of General Purpose RAM (GPR) • 16 bytes of common RAM The active bank is selected by writing the bank number into the Bank Select Register (BSR). Unimplemented memory will read as ‘0’. All data memory can be accessed either directly (via instructions that use the file registers) or indirectly via the two File Select Registers (FSR). See Section 3.5 “Indirect Addressing” for more information. 3.2.1 CORE REGISTERS The core registers contain the registers that directly affect the basic operation of the PIC16F/LF1825/1829. These registers are listed below: • INDF0 • INDF1 •PCL •STATUS •FSR0 Low • FSR0 High •FSR1 Low • FSR1 High • BSR •WREG •PCLATH • INTCON constants RETLW DATA0 ;Index0 data RETLW DATA1 ;Index1 data RETLW DATA2 RETLW DATA3 my_function ;… LOTS OF CODE… MOVLW LOW constants MOVWF FSR1L MOVLW HIGH constants MOVWF FSR1H MOVIW 0[FSR1] ;THE PROGRAM MEMORY IS IN W Note: The core registers are the first 12 addresses of every data memory bank. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |