Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F1829-I/ST Datasheet(PDF) 52 Page - Microchip Technology

Part # PIC16F1829-I/ST
Description  14/20-Pin Flash Microcontrollers with nanoWatt XLP Technology
PDF  420 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F1829-I/ST Datasheet(HTML) 52 Page - Microchip Technology

Back Button PIC16F1829-I/ST Datasheet HTML 48Page - Microchip Technology PIC16F1829-I/ST Datasheet HTML 49Page - Microchip Technology PIC16F1829-I/ST Datasheet HTML 50Page - Microchip Technology PIC16F1829-I/ST Datasheet HTML 51Page - Microchip Technology PIC16F1829-I/ST Datasheet HTML 52Page - Microchip Technology PIC16F1829-I/ST Datasheet HTML 53Page - Microchip Technology PIC16F1829-I/ST Datasheet HTML 54Page - Microchip Technology PIC16F1829-I/ST Datasheet HTML 55Page - Microchip Technology PIC16F1829-I/ST Datasheet HTML 56Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 420 page
background image
PIC16F/LF1825/1829
DS41440A-page 52
Preliminary
 2010 Microchip Technology Inc.
REGISTER 4-1:
CONFIGURATION WORD 1
R/P-1/1
R/P-1/1
R/P-1/1
R/P-1/1
R/P-1/1
R/P-1/1
R/P-1/1
FCMEN
IESO
CLKOUTEN
BOREN1
BOREN0
CPD
CP
bit 13
bit 7
R/P-1/1
R/P-1/1
R/P-1/1
R/P-1/1
R/P-1/1
R/P-1/1
R/P-1/1
MCLRE
PWRTE
WDTE1
WDTE0
FOSC2
FOSC1
FOSC0
bit 6
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘1’
u = Bit is unchanged
x = Bit is unknown
-n/n = Value at POR and BOR/Value at all other Resets
‘1’ = Bit is set
‘0’ = Bit is cleared
P = Programmable bit
bit 13
FCMEN: Fail-Safe Clock Monitor Enable bit
1 = Fail-Safe Clock Monitor is enabled
0 = Fail-Safe Clock Monitor is disabled
bit 12
IESO: Internal External Switchover bit
1 = Internal/External Switchover mode is enabled
0 = Internal/External Switchover mode is disabled
bit 11
CLKOUTEN: Clock Out Enable bit
If FOSC configuration bits are set to LP, XT, HS modes:
This bit is ignored, CLKOUT function is disabled. Oscillator function on the CLKOUT pin.
All other FOSC modes:
1 = CLKOUT function is disabled. I/O function on the CLKOUT pin.
0 = CLKOUT function is enabled on the CLKOUT pin
bit 10-9
BOREN<1:0>: Brown-out Reset Enable bits(1)
11 = BOR enabled
10 = BOR enabled during operation and disabled in Sleep
01 = BOR controlled by SBOREN bit of the BORCON register
00 = BOR disabled
bit 8
CPD: Data Code Protection bit(2)
1 = Data memory code protection is disabled
0 = Data memory code protection is enabled
bit 7
CP: Code Protection bit(3)
1 = Program memory code protection is disabled
0 = Program memory code protection is enabled
bit 6
MCLRE: RA3/MCLR/VPP Pin Function Select bit
If LVP bit = 1:
This bit is ignored.
If LVP bit = 0:
1 =MCLR/VPP pin function is MCLR; Weak pull-up enabled.
0 =MCLR/VPP pin function is digital input; MCLR internally disabled; Weak pull-up under control of
WPUA register.
bit 5
PWRTE: Power-up Timer Enable bit(1)
1 = PWRT disabled
0 = PWRT enabled
bit 4-3
WDTE<1:0>: Watchdog Timer Enable bit
11 = WDT enabled
10 = WDT enabled while running and disabled in Sleep
01 = WDT controlled by the SWDTEN bit in the WDTCON register
00 = WDT disabled
Note 1:
Enabling Brown-out Reset does not automatically enable Power-up Timer.
2:
The entire data EEPROM will be erased when the code protection is turned off during an erase.
3:
The entire program memory will be erased when the code protection is turned off.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com