Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F1829-I/ST Datasheet(PDF) 159 Page - Microchip Technology

Part # PIC16F1829-I/ST
Description  14/20-Pin Flash Microcontrollers with nanoWatt XLP Technology
PDF  420 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F1829-I/ST Datasheet(HTML) 159 Page - Microchip Technology

Back Button PIC16F1829-I/ST Datasheet HTML 155Page - Microchip Technology PIC16F1829-I/ST Datasheet HTML 156Page - Microchip Technology PIC16F1829-I/ST Datasheet HTML 157Page - Microchip Technology PIC16F1829-I/ST Datasheet HTML 158Page - Microchip Technology PIC16F1829-I/ST Datasheet HTML 159Page - Microchip Technology PIC16F1829-I/ST Datasheet HTML 160Page - Microchip Technology PIC16F1829-I/ST Datasheet HTML 161Page - Microchip Technology PIC16F1829-I/ST Datasheet HTML 162Page - Microchip Technology PIC16F1829-I/ST Datasheet HTML 163Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 159 / 420 page
background image
 2010 Microchip Technology Inc.
Preliminary
DS41440A-page 159
PIC16F/LF1825/1829
REGISTER 16-2:
ADCON1: A/D CONTROL REGISTER 1
R/W-0/0
R/W-0/0
R/W-0/0
R/W-0/0
U-0
R/W-0/0
R/W-0/0
R/W-0/0
ADFM
ADCS<2:0>
—
ADNREF
ADPREF<1:0>
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
u = Bit is unchanged
x = Bit is unknown
-n/n = Value at POR and BOR/Value at all other Resets
‘1’ = Bit is set
‘0’ = Bit is cleared
bit 7
ADFM: A/D Result Format Select bit
1 = Right justified. Six Most Significant bits of ADRESH are set to ‘0’ when the conversion result is
loaded.
0 = Left justified. Six Least Significant bits of ADRESL are set to ‘0’ when the conversion result is
loaded.
bit 6-4
ADCS<2:0>: A/D Conversion Clock Select bits
000 =FOSC/2
001 =FOSC/8
010 =FOSC/32
011 =FRC (clock supplied from a dedicated RC oscillator)
100 =FOSC/4
101 =FOSC/16
110 =FOSC/64
111 =FRC (clock supplied from a dedicated RC oscillator)
bit 3
Unimplemented: Read as ‘0’
bit 2
ADNREF: A/D Negative Voltage Reference Configuration bit
0 =VREF- is connected to VSS
1 =VREF- is connected to external VREF- pin(1)
bit 1-0
ADPREF<1:0>: A/D Positive Voltage Reference Configuration bits
00 =VREF+ is connected to VDD
01 = Reserved
10 =VREF+ is connected to external VREF+ pin(1)
11 =VREF+ is connected to internal Fixed Voltage Reference (FVR) module(1)
Note 1:
When selecting the FVR or the VREF+ pin as the source of the positive reference, be aware that a
minimum voltage specification exists. See Section 30.0 “Electrical Specifications” for details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com