Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F1829-I/ST Datasheet(PDF) 173 Page - Microchip Technology

Part # PIC16F1829-I/ST
Description  14/20-Pin Flash Microcontrollers with nanoWatt XLP Technology
PDF  420 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F1829-I/ST Datasheet(HTML) 173 Page - Microchip Technology

Back Button PIC16F1829-I/ST Datasheet HTML 169Page - Microchip Technology PIC16F1829-I/ST Datasheet HTML 170Page - Microchip Technology PIC16F1829-I/ST Datasheet HTML 171Page - Microchip Technology PIC16F1829-I/ST Datasheet HTML 172Page - Microchip Technology PIC16F1829-I/ST Datasheet HTML 173Page - Microchip Technology PIC16F1829-I/ST Datasheet HTML 174Page - Microchip Technology PIC16F1829-I/ST Datasheet HTML 175Page - Microchip Technology PIC16F1829-I/ST Datasheet HTML 176Page - Microchip Technology PIC16F1829-I/ST Datasheet HTML 177Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 173 / 420 page
background image
 2010 Microchip Technology Inc.
Preliminary
DS41440A-page 173
PIC16F/LF1825/1829
TABLE 18-1:
SRCLK FREQUENCY TABLE
SRCLK
Divider
FOSC = 32 MHz
FOSC = 20 MHz
FOSC = 16 MHz
FOSC = 4 MHz
FOSC = 1 MHz
111
512
62.5 kHz
39.0 kHz
31.3 kHz
7.81 kHz
1.95 kHz
110
256
125 kHz
78.1 kHz
62.5 kHz
15.6 kHz
3.90 kHz
101
128
250 kHz
156 kHz
125 kHz
31.25 kHz
7.81 kHz
100
64
500 kHz
313 kHz
250 kHz
62.5 kHz
15.6 kHz
011
32
1 MHz
625 kHz
500 kHz
125 kHz
31.3 kHz
010
16
2 MHz
1.25 MHz
1 MHz
250 kHz
62.5 kHz
001
8
4 MHz
2.5 MHz
2 MHz
500 kHz
125 kHz
000
4
8 MHz
5 MHz
4 MHz
1 MHz
250 kHz
REGISTER 18-1:
SRCON0: SR LATCH CONTROL 0 REGISTER
R/W-0/0
R/W-0/0
R/W-0/0
R/W-0/0
R/W-0/0
R/W-0/0
R/S-0/0
R/S-0/0
SRLEN
SRCLK2
SRCLK1
SRCLK0
SRQEN
SRNQEN
SRPS
SRPR
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
u = Bit is unchanged
x = Bit is unknown
-n/n = Value at POR and BOR/Value at all other Resets
‘1’ = Bit is set
‘0’ = Bit is cleared
S = Bit is set only
bit 7
SRLEN: SR Latch Enable bit
1 = SR Latch is enabled
0 = SR Latch is disabled
bit 6-4
SRCLK<2:0>: SR Latch Clock Divider bits
000 = Generates a 1 FOSC wide pulse every 4th FOSC cycle clock
001 = Generates a 1 FOSC wide pulse every 8th FOSC cycle clock
010 = Generates a 1 FOSC wide pulse every 16th FOSC cycle clock
011 = Generates a 1 FOSC wide pulse every 32nd FOSC cycle clock
100 = Generates a 1 FOSC wide pulse every 64th FOSC cycle clock
101 = Generates a 1 FOSC wide pulse every 128th FOSC cycle clock
110 = Generates a 1 FOSC wide pulse every 256th FOSC cycle clock
111 = Generates a 1 FOSC wide pulse every 512th FOSC cycle clock
bit 3
SRQEN: SR Latch Q Output Enable bit
If SRLEN = 1:
1 = Q is present on the SRQ pin
0 = External Q output is disabled
If SRLEN = 0:
SR Latch is disabled
bit 2
SRNQEN: SR Latch Q Output Enable bit
If SRLEN = 1:
1 =Q is present on the SRnQ pin
0 = External Q output is disabled
If SRLEN = 0:
SR Latch is disabled
bit 1
SRPS: Pulse Set Input of the SR Latch bit(1)
1 = Pulse set input for 1 Q-clock period
0 = No effect on set input.
bit 0
SRPR: Pulse Reset Input of the SR Latch bit(1)
1 = Pulse Reset input for 1 Q-clock period
0 = No effect on Reset input.
Note 1:
Set only, always reads back ‘0’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com