Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

24LC014T-I/MS Datasheet(PDF) 13 Page - Microchip Technology

Part # 24LC014T-I/MS
Description  1K I2C??Serial EEPROM
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24LC014T-I/MS Datasheet(HTML) 13 Page - Microchip Technology

Back Button 24LC014T-I/MS Datasheet HTML 9Page - Microchip Technology 24LC014T-I/MS Datasheet HTML 10Page - Microchip Technology 24LC014T-I/MS Datasheet HTML 11Page - Microchip Technology 24LC014T-I/MS Datasheet HTML 12Page - Microchip Technology 24LC014T-I/MS Datasheet HTML 13Page - Microchip Technology 24LC014T-I/MS Datasheet HTML 14Page - Microchip Technology 24LC014T-I/MS Datasheet HTML 15Page - Microchip Technology 24LC014T-I/MS Datasheet HTML 16Page - Microchip Technology 24LC014T-I/MS Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
 2010 Microchip Technology Inc.
DS21809G-page 13
24AA014/24LC014
9.0
PACKAGING INFORMATION
9.1
Package Marking Information
XXXXXXXX
T/XXXNNN
YYWW
8-Lead PDIP (300 mil)
Example:
8-Lead SOIC (3.90 mm)
Example:
XXXXXXXT
XXXXYYWW
NNN
8-Lead TSSOP
Example:
24LC014
I/P
12F
0521
24LC014I
SN
0521
12F
8-Lead MSOP
Example:
XXXX
TYWW
NNN
4L14
I521
12F
4L14I
52112F
XXXXT
YWWNNN
3
e
3
e
8-Lead 2x3 DFN
Example:
2N4
521
12
XXX
YWW
NN
8-Lead 2x3 TDFN
Example:
AN4
521
12
XXX
YWW
NN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com