Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

24LC014T-I/MS Datasheet(PDF) 14 Page - Microchip Technology

Part # 24LC014T-I/MS
Description  1K I2C??Serial EEPROM
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24LC014T-I/MS Datasheet(HTML) 14 Page - Microchip Technology

Back Button 24LC014T-I/MS Datasheet HTML 10Page - Microchip Technology 24LC014T-I/MS Datasheet HTML 11Page - Microchip Technology 24LC014T-I/MS Datasheet HTML 12Page - Microchip Technology 24LC014T-I/MS Datasheet HTML 13Page - Microchip Technology 24LC014T-I/MS Datasheet HTML 14Page - Microchip Technology 24LC014T-I/MS Datasheet HTML 15Page - Microchip Technology 24LC014T-I/MS Datasheet HTML 16Page - Microchip Technology 24LC014T-I/MS Datasheet HTML 17Page - Microchip Technology 24LC014T-I/MS Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 36 page
background image
24AA014/24LC014
DS21809G-page 14
 2010 Microchip Technology Inc.
Part Number
1st Line Marking Codes
TSSOP
MSOP
DFN
TDFN
SOT-23
I-Temp
E-Temp
I-Temp
E-Temp
I-Temp
E-Temp
24AA014
4A14
4A14T
2N1
—
AN1
—
HJNN
—
24LC014
4L14
4L14T
2N4
2N5
AN4
AN5
HGNN
HHNN
Note:
T = Temperature grade (I, E)
6-Lead SOT-23
XXNN
HGEC
Example:
Legend: XX...X
Part number or part number code
T
Temperature (I, E)
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code (2 characters for small packages)
Pb-free JEDEC designator for Matte Tin (Sn)
Note:
For very small packages with no room for the Pb-free JEDEC designator
, the marking will only appear on the outer carton or reel label.
Note:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line, thus limiting the number of available
characters for customer-specific information.
3
e
3
e
Note:
Please visit www.microchip.com/Pbfree for the latest information on Pb-free conversion.
*Standard OTP marking consists of Microchip part number, year code, week code, and traceability code.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com