Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSM16ST Datasheet(PDF) 3 Page - Schurter Inc.

Part # MSM16ST
Description  Vandal-proof MSM switches
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

MSM16ST Datasheet(HTML) 3 Page - Schurter Inc.

  MSM16ST Datasheet HTML 1Page - Schurter Inc. MSM16ST Datasheet HTML 2Page - Schurter Inc. MSM16ST Datasheet HTML 3Page - Schurter Inc. MSM16ST Datasheet HTML 4Page - Schurter Inc. MSM16ST Datasheet HTML 5Page - Schurter Inc. MSM16ST Datasheet HTML 6Page - Schurter Inc. MSM16ST Datasheet HTML 7Page - Schurter Inc. MSM16ST Datasheet HTML 8Page - Schurter Inc. MSM16ST Datasheet HTML 9Page - Schurter Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
SCHURTER GmbH
D – 79346 Endingen
www.schurter.com
Micro switch for
electrical rating
0.1 A
30 V DC
5 A
125 VAC
3 A
250 VAC
10 A
250 V AC
Mechanical data
Actuating force
(N)
3.7
3.7
3.7
Actuating travel
(mm)
0.8
0.8
0.8
Degree of protection
(IP)
67
67
67
Shock resistance DIN EN 50102
(IK), mounting diameter 16
06
06
06
Shock resistance DIN EN 50102
(IK), mounting diameter 19; 22; 30
07
07
07
Climatic data
Operating/storage temp. (°C)
- 25 to + 85
- 25 to + 85
- 25 to + 85
Ring illumination
Supply voltage
Ring illumination
(V DC)
24
24
24
Point illumination
Characteristics red LED
Point illumination
Forward current max.
40 mA
Forward voltage at
10 mA = 1.6 V DC
Forward voltage max.
= 2.0 V DC
Forward current max.
40 mA
Forward voltage at
10 mA = 1.6 V DC
Forward voltage max.
= 2.0 V DC
Forward current max.
40 mA
Forward voltage at
10 mA = 1.6 V DC
Forward voltage max.
= 2.0 V DC
Characteristics green LED
Point illumination
Forward current max.
40 mA
Forward voltage at
10 mA = 2.0 V DC
Forward voltage max.
= 2.6 V DC
Forward current max.
40 mA
Forward voltage at
10 mA = 2.0 V DC
Forward voltage max.
= 2.6 V DC
Forward current max.
40 mA
Forward voltage at
10 mA = 2.0 V DC
Forward voltage max.
= 2.6 V DC
Characteristics blue LED
Point illumination
Forward current max.
20 mA
Forward voltage at
10 mA = 3.2 V DC
Forward voltage max.
= 3.7 V DC
Forward current max.
20 mA
Forward voltage at
10 mA = 3.2 V DC
Forward voltage max.
= 3.7 V DC
Forward current max.
20 mA
Forward voltage at
10 mA = 3.2 V DC
Forward voltage max.
= 3.7 V DC
Material
Individual component
material
Housing
Stainless steel 1.4305
Actuator
Stainless steel 1.4305
Light conductor
(point illumination)
PC
Illuminated ring
(ring illumination)
PC
gasket
NBR70
Changes that contribute to technical improvement are subject to alternations
Page
Production date:
Produced by:
Modification date: Modified by:
Modification No. Data sheet No.
Index
3 of 17
05.11.2004
Ullmer
26.04.2006
Birmelin
9224
105.9502
f
Print date: 26.04.2006 11:47



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com