Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSM16ST Datasheet(PDF) 11 Page - Schurter Inc.

Part # MSM16ST
Description  Vandal-proof MSM switches
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

MSM16ST Datasheet(HTML) 11 Page - Schurter Inc.

Back Button MSM16ST Datasheet HTML 7Page - Schurter Inc. MSM16ST Datasheet HTML 8Page - Schurter Inc. MSM16ST Datasheet HTML 9Page - Schurter Inc. MSM16ST Datasheet HTML 10Page - Schurter Inc. MSM16ST Datasheet HTML 11Page - Schurter Inc. MSM16ST Datasheet HTML 12Page - Schurter Inc. MSM16ST Datasheet HTML 13Page - Schurter Inc. MSM16ST Datasheet HTML 14Page - Schurter Inc. MSM16ST Datasheet HTML 15Page - Schurter Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
SCHURTER GmbH
D – 79346 Endingen
www.schurter.com
3 Order Number
Mounting diameter (mm)
16
19
22
Electrical rating max. 0.1 A / 30 V DC
Standard
1241.6611.1110000
1241.6621.1110000
1241.6631.1110000
With lettering
1241.6612.1110000
1241.6622.1110000
1241.6632.1110000
Red point illumination
1241.6623.1111000
1241.6633.1111000
Green point illumination
1241.6623.1112000
1241.6633.1112000
Blue point illumination
1241.6623.1114000
1241.6633.1114000
Red ring illumination
1241.6624.1111000
1241.6634.1111000
Green ring illumination
1241.6624.1112000
1241.6634.1112000
Blue ring illumination
1241.6624.1114000
1241.6634.1114000
Installation wrench
0853.0622
1141.1337
Electrical rating max. 5 A / 125 V AC or 3 A / 250V AC
Standard
1241.6611.1120000
1241.6621.1120000
1241.6631.1120000
With lettering
1241.6612.1120000
1241.6622.1120000
1241.6632.1120000
Red point illumination
1241.6623.1121000
1241.6633.1121000
Green point illumination
1241.6623.1122000
1241.6633.1122000
Blue point illumination
1241.6623.1124000
1241.6633.1124000
Red ring illumination
1241.6624.1121000
1241.6634.1121000
Green ring illumination
1241.6624.1122000
1241.6634.1122000
Blue ring illumination
1241.6624.1124000
1241.6634.1124000
Installation wrench
0853.0622
1141.1337
Electrical rating max. 10 A / 250 V AC
Standard
1241.6611.1130000
1241.6621.1130000
1241.6631.1130000
With lettering
1241.6612.1130000
1241.6622.1130000
1241.6632.1130000
Red point illumination
1241.6623.1131000
1241.6633.1131000
Green point illumination
1241.6623.1132000
1241.6633.1132000
Blue point illumination
1241.6623.1134000
1241.6633.11342000
Red ring illumination
1241.6624.1131000
1241.6634.1131000
Green ring illumination
1241.6624.1132000
1241.6634.1132000
Blue ring illumination
1241.6624.1134000
1241.6634.1134000
Installation wrench
0853.0622
1141.1337
Part numbers with italic type on request
Changes that contribute to technical improvement are subject to alternations
Page
Production date:
Produced by:
Modification date: Modified by:
Modification No. Data sheet No.
Index
11 of 17
05.11.2004
Ullmer
26.04.2006
Birmelin
9224
105.9502
f
Print date: 26.04.2006 11:47



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com