Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8711 Datasheet(PDF) 18 Page - Wolfson Microelectronics plc

Part # WM8711
Description  Internet Audio DAC with Integrated Headphone Amplifier
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8711 Datasheet(HTML) 18 Page - Wolfson Microelectronics plc

Back Button WM8711 Datasheet HTML 14Page - Wolfson Microelectronics plc WM8711 Datasheet HTML 15Page - Wolfson Microelectronics plc WM8711 Datasheet HTML 16Page - Wolfson Microelectronics plc WM8711 Datasheet HTML 17Page - Wolfson Microelectronics plc WM8711 Datasheet HTML 18Page - Wolfson Microelectronics plc WM8711 Datasheet HTML 19Page - Wolfson Microelectronics plc WM8711 Datasheet HTML 20Page - Wolfson Microelectronics plc WM8711 Datasheet HTML 21Page - Wolfson Microelectronics plc WM8711 Datasheet HTML 22Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 47 page
background image
Production Data
WM8711 / WM8711L
w
PD Rev 4.4 April 2007
18
DAC
The WM8711/L employs a multi-bit sigma delta oversampling digital to analogue converter. The
scheme for the converter is illustrated in Figure 7.
FROM DAC
DIGITAL
FILTERS
TO LINE OUTPUT
Figure 7 Multi-Bit Oversampling Sigma Delta Schematic
The DAC converts the multi-level digital audio data stream from the DAC digital filters into high quality
analogue audio.
LINE OUTPUTS
The WM8711/L provides two low impedance line outputs LLINEOUT and RLINEOUT, suitable for
driving typical line loads of impedance 10K and capacitance 50pF.
The LLINEOUT and RLINEOUT outputs are only available at a line output level and are not level
adjustable in the analogue domain, having a fixed gain of 0dB. The level is fixed such that at the DAC
full scale level the output level is Vrms at AVDD = 3.3 volts. Note that the DAC full scale level tracks
directly with AVDD. The scheme is shown in Figure 8. The line output includes a low order audio low
pass filter for removing out-of band components from the sigma-delta DAC. Therefore no further
external filtering is required in most applications.
VMID
FROM LINE
INPUTS
LINEOUT
FROM DAC
BYPASS
TO HEADPHONE AMP
DACSEL
Figure 8 Line Output Schematic
The line output is muted by either muting the DAC (analogue) or Soft Muting (digital) and disabling
the BYPASS path. Refer to the DAC section for more details. Whenever the DAC is muted or the
device placed into standby mode the DC voltage is maintained at the line outputs to prevent any
audible clicks from being present.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com