Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8711 Datasheet(PDF) 31 Page - Wolfson Microelectronics plc

Part # WM8711
Description  Internet Audio DAC with Integrated Headphone Amplifier
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8711 Datasheet(HTML) 31 Page - Wolfson Microelectronics plc

Back Button WM8711 Datasheet HTML 27Page - Wolfson Microelectronics plc WM8711 Datasheet HTML 28Page - Wolfson Microelectronics plc WM8711 Datasheet HTML 29Page - Wolfson Microelectronics plc WM8711 Datasheet HTML 30Page - Wolfson Microelectronics plc WM8711 Datasheet HTML 31Page - Wolfson Microelectronics plc WM8711 Datasheet HTML 32Page - Wolfson Microelectronics plc WM8711 Datasheet HTML 33Page - Wolfson Microelectronics plc WM8711 Datasheet HTML 34Page - Wolfson Microelectronics plc WM8711 Datasheet HTML 35Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 47 page
background image
Production Data
WM8711 / WM8711L
w
PD Rev 4.4 April 2007
31
The table below should be used to set up the device to work with the various sample rate
combinations. Refer to Digital Filter Characteristics section for an explanation of the different filter
types.
SAMPLING RATE
DAC
MCLK
FREQUENCY
SAMPLE
RATE
REGISTER SETTINGS
DIGITAL
FILTER
TYPE
kHz
MHz
BOSR
SR3
SR2
SR1
SR0
12.288
0 (256fs)
0
0
0
0
48
18.432
1 (384fs)
0
0
0
0
1
12.288
0 (256fs)
0
0
0
1
8
18.432
1 (384fs)
0
0
0
1
1
12.288
0 (256fs)
0
1
1
0
32
18.432
1 (384fs)
0
1
1
0
1
12.288
0 (128fs)
0
1
1
1
96
18.432
1 (192fs)
0
1
1
1
2
11.2896
0 (256fs)
1
0
0
0
44.1
16.9344
1 (384fs)
1
0
0
0
1
11.2896
0 (256fs)
1
0
0
1
8
(Note 1)
16.9344
1 (384fs)
1
0
0
1
1
11.2896
0 (128fs)
1
1
1
1
88.2
16.9344
1 (192fs)
1
1
1
1
2
Table 12 Normal Mode Sample Rate Look-up Table
Notes:
1.
8k not exact, actual = 8.018kHz
2.
All other combinations of BOSR and SR[3:0] that are not in the truth table are invalid
The BOSR bit represents the base over-sampling rate. This is the rate that the WM8711/L digital
signal processing is carried out at. In Normal mode, with BOSR = 0, the base over-sampling rate is at
256fs, with BOSR = 1, the base over-sampling rate is at 384fs. This can be used to determine the
actual audio data rate required by the DAC.
The exact sample rates achieved are defined by the relationships in Table 13 below.
ACTUAL SAMPLING RATE
BOSR=0
BOSR=1
TARGET
SAMPLING
RATE
MCLK=12.288
MCLK=11.2896
MCLK=18.432
MCLK=16.9344
kHz
kHz
kHz
kHz
kHz
8
8.018
8
8.018
8
(12.288MHz/256) x 1/6
(11.2896MHz/256) x 2/11
(18.432MHz/384) x 1/6
(16.9344MHz/384) x 2/11
32
32
32
(12.288MHz/256) x 2/3
not available
(18.432MHz/384) x 2/3
not available
44.1
44.1
44.1
not available
11.2896MHz/256
not available
16.9344MHz /384
48
48
48
12.288MHz/256
not available
18.432MHz/384
not available
88.2
88.2
88.2
not available
(11.2896MHz/256) x 2
not available
(16.9344MHz /384) x 2
96
96
96
(12.288MHz/256) x 2
not available
(18.432MHz/384) x 2
not available
Table 13 Normal Mode Actual Sample Rates



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com