| Electronic Components Datasheet Search |
|
SST25VF040 Datasheet(PDF) 3 Page - Silicon Storage Technology, Inc |
|
|
|||||||||||||||||||||||||||||
SST25VF040 Datasheet(HTML) 3 Page - Silicon Storage Technology, Inc |
|
3 / 23 page ![]() EOL Product Data Sheet 4 Mbit SPI Serial Flash SST25VF040 3 ©2006 Silicon Storage Technology, Inc. S71231(04)-01-EOL 09/10 PIN DESCRIPTION FIGURE 2: Pin Assignments TABLE 1: Pin Description Symbol Pin Name Functions SCK Serial Clock To provide the timing of the serial interface. Commands, addresses, or input data are latched on the rising edge of the clock input, while output data is shifted out on the falling edge of the clock input. SI Serial Data Input To transfer commands, addresses, or data serially into the device. Inputs are latched on the rising edge of the serial clock. SO Serial Data Output To transfer data serially out of the device. Data is shifted out on the falling edge of the serial clock. CE# Chip Enable The device is enabled by a high to low transition on CE#. CE# must remain low for the duration of any command sequence. WP# Write Protect The Write Protect (WP#) pin is used to enable/disable BPL bit in the status register. HOLD# Hold To temporarily stop serial communication with SPI flash memory without resetting the device. VDD Power Supply To provide power supply (2.7-3.6V). VSS Ground T1.0 1231(04) 8-LEAD SOIC 8-CONTACT WSON 1 2 3 4 8 7 6 5 CE# SO WP# VSS Top View VDD HOLD# SCK SI 1231 08-wson P2.0 1 2 3 4 8 7 6 5 CE# SO WP# VSS VDD HOLD# SCK SI Top View 1231 08-soic P1.0 |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |