| Electronic Components Datasheet Search |
|
SST25VF040 Datasheet(PDF) 7 Page - Silicon Storage Technology, Inc |
|
|
|||||||||||||||||||||||||||||
SST25VF040 Datasheet(HTML) 7 Page - Silicon Storage Technology, Inc |
|
7 / 23 page ![]() EOL Product Data Sheet 4 Mbit SPI Serial Flash SST25VF040 7 ©2006 Silicon Storage Technology, Inc. S71231(04)-01-EOL 09/10 Block Protection (BP1, BP0) The Block-Protection (BP1, BP0) bits define the size of the memory area, as defined in Table 5, to be software pro- tected against any memory Write (Program or Erase) operations. The Write-Status-Register (WRSR) instruction is used to program the BP1 and BP0 bits as long as WP# is high or the Block-Protect-Lock (BPL) bit is 0. Chip-Erase can only be executed if Block-Protection bits are both 0. After power-up, BP1 and BP0 are set to 1. Block Protection Lock-Down (BPL) WP# pin driven low (VIL), enables the Block-Protection- Lock-Down (BPL) bit. When BPL is set to 1, it prevents any further alteration of the BPL, BP1, and BP0 bits. When the WP# pin is driven high (VIH), the BPL bit has no effect and its value is “Don’t Care”. After power-up, the BPL bit is reset to 0. Auto Address Increment (AAI) The Auto Address Increment Programming-Status bit pro- vides status on whether the device is in AAI programming mode or Byte-Program mode. The default at power up is Byte-Program mode. TABLE 5: Software Status Register Block Protection1 1. Default at power-up for BP1 and BP0 is ‘11’. Protection Level Status Register Bit Protected Memory Area BP1 BP0 2 Mbit 4 Mbit 0 0 0 None None 1 (1/4 Memory Array) 0 1 030000H-03FFFFH 060000H-07FFFFH 2 (1/2 Memory Array) 1 0 020000H-03FFFFH 040000H-07FFFFH 3 (Full Memory Array) 1 1 000000H-03FFFFH 000000H-07FFFFH T5.0 1231(04) |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |