Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SST25WF080 Datasheet(PDF) 1 Page - Silicon Storage Technology, Inc

Part # SST25WF080
Description  8Mbit 1.8V SPI Serial Flash
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST25WF080 Datasheet(HTML) 1 Page - Silicon Storage Technology, Inc

  SST25WF080 Datasheet HTML 1Page - Silicon Storage Technology, Inc SST25WF080 Datasheet HTML 2Page - Silicon Storage Technology, Inc SST25WF080 Datasheet HTML 3Page - Silicon Storage Technology, Inc SST25WF080 Datasheet HTML 4Page - Silicon Storage Technology, Inc SST25WF080 Datasheet HTML 5Page - Silicon Storage Technology, Inc SST25WF080 Datasheet HTML 6Page - Silicon Storage Technology, Inc SST25WF080 Datasheet HTML 7Page - Silicon Storage Technology, Inc SST25WF080 Datasheet HTML 8Page - Silicon Storage Technology, Inc SST25WF080 Datasheet HTML 9Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
©2010 Silicon Storage Technology, Inc.
S71203-03-000
04/10
1
The SST logo and SuperFlash are registered Trademarks of Silicon Storage Technology, Inc.
These specifications are subject to change without notice.
Advance Information
FEATURES:
Single Voltage Read and Write Operations
– 1.65-1.95V
Serial Interface Architecture
– SPI Compatible: Mode 0 and Mode 3
High Speed Clock Frequency
–75 MHz
Superior Reliability
– Endurance: 100,000 Cycles (typical)
– Greater than 100 years Data Retention
Ultra-Low Power Consumption:
– Active Read Current: 2 mA (typical @ 33 MHz)
– Standby Current: 5 µA (typical)
Flexible Erase Capability
– Uniform 4 KByte sectors
– Uniform 32 KByte overlay blocks
– Uniform 64 KByte overlay blocks
Fast Erase and Byte-Program:
– Chip-Erase Time: 35 ms (typical)
– Sector-/Block-Erase Time: 18 ms (typical)
– Byte-Program Time: 14 µS (typical)
Auto Address Increment (AAI) Programming
– Decrease total chip programming time over
Byte-Program operations
End-of-Write Detection
– Software polling the BUSY bit in Status Register
– Busy Status readout on SO pin
Reset Pin (RST#) or Programmable Hold Pin
(HOLD#) option
– Hardware Reset pin as default
– Hold pin option to suspend a serial sequence
without deselecting the device
Write Protection (WP#)
– Enables/Disables the Lock-Down function of the
status register
Software Write Protection
– Write protection through Block-Protection bits in
status register
Temperature Range
– Industrial: -40°C to +85°C
Packages Available
– 8-lead SOIC (150 mils)
–8-bump XFBGA
All devices are RoHS compliant
PRODUCT DESCRIPTION
The SST25WF080 is a member of the Serial Flash 25
Series family and features a four-wire, SPI-compatible
interface that allows for a low pin-count package which
occupies less board space and ultimately lowers total sys-
tem costs. SST25WF080 SPI serial flash memory is manu-
factured with SST proprietary, high-performance CMOS
SuperFlash technology. The split-gate cell design and
thick-oxide tunneling injector attain better reliability and
manufacturability compared with alternate approaches.
The SST25WF080 significantly improves performance and
reliability, while lowering power consumption. The device
writes (Program or Erase) with a single power supply of
1.65-1.95V for SST25WF080. The total energy consumed
is a function of the applied voltage, current, and time of
application. Since for any given voltage range, the Super-
Flash technology uses less current to program and has a
shorter erase time, the total energy consumed during any
Erase or Program operation is less than alternative flash
memory technologies.
The SST25WF080 is offered in both an 8-lead, 150 mils
SOIC package and an 8-bump XFBGA package. See Fig-
ures 2 and 3 for the pin assignments.
8Mbit 1.8V SPI Serial Flash
SST25WF080
SST25VF016B16Mb Serial Peripheral Interface (SPI) flash memory


Similar Part No. - SST25WF080

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
SST25WF080B MICROCHIP-SST25WF080B Datasheet
726Kb / 39P
8 Mbit 1.8V SPI Serial Flash
2014
SST25WF080B MICROCHIP-SST25WF080B Datasheet
1Mb / 44P
8-Mbit, 1.8V, SPI Serial Flash
Revision H November 2022
SST25WF080B-40E/SN MICROCHIP-SST25WF080B-40E/SN Datasheet
1Mb / 44P
8-Mbit, 1.8V, SPI Serial Flash
Revision H November 2022
SST25WF080B-40E/SN13GVAO MICROCHIP-SST25WF080B-40E/SN13GVAO Datasheet
1Mb / 44P
8-Mbit, 1.8V, SPI Serial Flash
Revision H November 2022
SST25WF080B-40I/SN MICROCHIP-SST25WF080B-40I/SN Datasheet
726Kb / 39P
8 Mbit 1.8V SPI Serial Flash
2014
More results

Similar Description - SST25WF080

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
F25L008A ESMT-F25L008A Datasheet
359Kb / 31P
8Mbit (1Mx8) 3V Only Serial Flash Memory
F25L008A ESMT-F25L008A_08 Datasheet
373Kb / 32P
8Mbit (1Mx8) 3V Only Serial Flash Memory
logo
Microchip Technology
SST25WF020A MICROCHIP-SST25WF020A Datasheet
546Kb / 36P
2 Mbit 1.8V SPI Serial Flash
2013
SST25WF080 MICROCHIP-SST25WF080_12 Datasheet
228Kb / 33P
8 Mbit 1.8V SPI Serial Flash
10/12
logo
AMIC Technology
A25L080 AMICC-A25L080_15 Datasheet
638Kb / 40P
8Mbit Low Voltage, Serial Flash Memory
logo
Microchip Technology
SST25WF080B MICROCHIP-SST25WF080B Datasheet
726Kb / 39P
8 Mbit 1.8V SPI Serial Flash
2014
SST25WF040B MICROCHIP-SST25WF040B Datasheet
734Kb / 39P
4 Mbit 1.8V SPI Serial Flash
2014
SST25WF020A MICROCHIP-SST25WF020A_14 Datasheet
387Kb / 39P
2 Mbit 1.8V SPI Serial Flash
2014
SST25WF020A MICROCHIP-SST25WF020A_V01 Datasheet
1Mb / 42P
2 Mbit 1.8V SPI Serial Flash
Revision F July 2017
SST25WF040B MICROCHIP-SST25WF040B_V01 Datasheet
1Mb / 41P
4 Mbit 1.8V SPI Serial Flash
Revision E Dec 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com