Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SST25WF080 Datasheet(PDF) 12 Page - Silicon Storage Technology, Inc

Part # SST25WF080
Description  8Mbit 1.8V SPI Serial Flash
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST25WF080 Datasheet(HTML) 12 Page - Silicon Storage Technology, Inc

Back Button SST25WF080 Datasheet HTML 8Page - Silicon Storage Technology, Inc SST25WF080 Datasheet HTML 9Page - Silicon Storage Technology, Inc SST25WF080 Datasheet HTML 10Page - Silicon Storage Technology, Inc SST25WF080 Datasheet HTML 11Page - Silicon Storage Technology, Inc SST25WF080 Datasheet HTML 12Page - Silicon Storage Technology, Inc SST25WF080 Datasheet HTML 13Page - Silicon Storage Technology, Inc SST25WF080 Datasheet HTML 14Page - Silicon Storage Technology, Inc SST25WF080 Datasheet HTML 15Page - Silicon Storage Technology, Inc SST25WF080 Datasheet HTML 16Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 29 page
background image
12
Advance Information
8Mbit 1.8V SPI Serial Flash
SST25WF080
©2010 Silicon Storage Technology, Inc.
S71203-03-000
04/10
Auto Address Increment (AAI) Word-Program
The AAI program instruction allows multiple bytes of data to
be programmed without re-issuing the next sequential
address location. This feature decreases total program-
ming time when multiple bytes or the entire memory array
is to be programmed. An AAI Word program instruction
pointing to a protected memory area will be ignored. The
selected address range must be in the erased state (FFH)
when initiating an AAI Word Program operation. While
within AAI Word Programming sequence, the only valid
instructions are AAI Word (ADH), RDSR (05H), or WRDI
(04H). Users have three options to determine the comple-
tion of each AAI Word program cycle: hardware detection
by reading the Serial Output, software detection by polling
the BUSY bit in the software status register or wait TBP.
Refer to End-Of-Write Detection section for details.
Prior to any write operation, the Write-Enable (WREN)
instruction must be executed. The AAI Word Program
instruction is initiated by executing an 8-bit command,
ADH, followed by address bits [A23-A0]. Following the
addresses, two bytes of data are input sequentially, each
one from MSB (Bit 7) to LSB (Bit 0). The first byte of data
(D0) will be programmed into the initial address [A23-A1]
with A0 = 0, the second byte of Data (D1) will be pro-
grammed into the initial address [A23-A1] with A0 = 1. CE#
must be driven high before the AAI Word Program instruc-
tion is executed. The user must check the BUSY status
before entering the next valid command. Once the device
indicates it is no longer busy, data for the next two sequen-
tial addresses may be programmed and so on. When the
last desired byte had been entered, check the busy status
using the hardware method or the RDSR instruction and
execute the Write-Disable (WRDI) instruction, 04H, to ter-
minate AAI. Check the busy status after WRDI to deter-
mine if the device is ready for any command. See Figures
12 and 13 for AAI Word programming sequence.
There is no wrap mode during AAI programming; once the
highest unprotected memory address is reached, the
device will exit AAI operation and reset the Write-Enable-
Latch bit (WEL = 0) and the AAI bit (AAI = 0).
End-of-Write Detection
There are three methods to determine completion of a pro-
gram cycle during AAI Word programming: hardware
detection by reading the Serial Output, software detection
by polling the BUSY bit in the Software Status Register or
wait TBP.
Hardware End-of-Write Detection
The Hardware End-of-Write detection method eliminates
the overhead of polling the Busy bit in the Software Status
Register during an AAI Word program operation. The 8-bit
command, 70H, configures the Serial Output (SO) pin to
indicate Flash Busy status during AAI Word programming,
as shown in Figure 10. The 8-bit command, 70H, must be
executed prior to executing an AAI Word-Program instruc-
tion. Once an internal programming operation begins,
asserting CE# will immediately drive the status of the inter-
nal flash status on the SO pin. A ‘0’ indicates the device is
busy and a ‘1’ indicates the device is ready for the next
instruction. De-asserting CE# will return the SO pin to tri-
state.
The 8-bit command, 80H, disables the Serial Output (SO)
pin to output busy status during AAI-Word-program opera-
tion, and re-configures SO as an output pin. In this state,
the SO pin will function as a normal Serial Output pin. At
this time, the RDSR command can poll the status of the
Software Status Register. This is shown in Figure 11.
FIGURE 10: Enable SO as Hardware RY/BY#
during AAI Programming
FIGURE 11: Disable SO as Hardware RY/BY#
during AAI Programming
CE#
SO
SI
SCK
01 2 3 4 5 6 7
70
HIGH IMPEDANCE
MODE 0
MODE 3
1203 F09.0
MSB
CE#
SO
SI
SCK
01 2 3 4 5 6 7
80
HIGH IMPEDANCE
MODE 0
MODE 3
1203 F10.0
MSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com