Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC18LF4331-I/SP Datasheet(PDF) 62 Page - Microchip Technology

Part # PIC18LF4331-I/SP
Description  28/40/44-Pin Enhanced Flash Microcontrollers with nanoWatt Technology, High-Performance PWM and A/D
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18LF4331-I/SP Datasheet(HTML) 62 Page - Microchip Technology

Back Button PIC18LF4331-I/SP Datasheet HTML 58Page - Microchip Technology PIC18LF4331-I/SP Datasheet HTML 59Page - Microchip Technology PIC18LF4331-I/SP Datasheet HTML 60Page - Microchip Technology PIC18LF4331-I/SP Datasheet HTML 61Page - Microchip Technology PIC18LF4331-I/SP Datasheet HTML 62Page - Microchip Technology PIC18LF4331-I/SP Datasheet HTML 63Page - Microchip Technology PIC18LF4331-I/SP Datasheet HTML 64Page - Microchip Technology PIC18LF4331-I/SP Datasheet HTML 65Page - Microchip Technology PIC18LF4331-I/SP Datasheet HTML 66Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 392 page
background image
PIC18F2331/2431/4331/4431
DS39616D-page 62
 2010 Microchip Technology Inc.
6.1.1
PROGRAM COUNTER
The Program Counter (PC) specifies the address of the
instruction to fetch for execution. The PC is 21 bits wide
and contained in three 8-bit registers. The low byte,
known as the PCL register, is both readable and writ-
able. The high byte (PCH register) contains the
PC<15:8> bits and is not directly readable or writable.
Updates to the PCH register are performed through the
PCLATH register. The upper byte is the PCU register
and contains the bits, PC<20:16>. This register is also
not directly readable or writable. Updates to the PCU
register are performed through the PCLATU register.
The contents of PCLATH and PCLATU are transferred
to the program counter by any operation that writes to
the PCL. Similarly, the upper two bytes of the program
counter are transferred to PCLATH and PCLATU by an
operation that reads PCL. This is useful for computed
offsets to the PC (see Section 6.1.4.1 “Computed
GOTO”
).
The PC addresses bytes in the program memory. To
prevent the PC from becoming misaligned with word
instructions, the Least Significant bit of the PCL is fixed
to a value of ‘0‘. The PC increments by two to address
sequential instructions in the program memory.
The CALL, RCALL, GOTO and program branch instruc-
tions write to the program counter directly. For these
instructions, the contents of PCLATH and PCLATU are
not transferred to the program counter.
6.1.2
RETURN ADDRESS STACK
The return address stack allows any combination of up
to 31 program calls and interrupts to occur. The PC
(Program Counter) is pushed onto the stack when a
CALL
or RCALL instruction is executed, or an interrupt
is Acknowledged. The PC value is pulled off the stack
on a RETURN, RETLW or a RETFIE instruction.
PCLATU and PCLATH are not affected by any of the
RETURN
or CALL instructions.
The stack operates as a 31-word by 21-bit RAM and a
5-bit Stack Pointer, with the Stack Pointer initialized to
00000b after all Resets. There is no RAM associated
with Stack Pointer, 00000b. This is only a Reset value.
During a CALL type instruction, causing a push onto the
stack, the Stack Pointer is first incremented and the
RAM location pointed to by the Stack Pointer is written
with the contents of the PC (already pointing to the
instruction following the CALL). During a RETURN type
instruction, causing a pop from the stack, the contents
of the RAM location pointed to by the STKPTR are
transferred to the PC and then the Stack Pointer is
decremented.
The stack space is not part of either program or data
space. The Stack Pointer is readable and writable, and
the address on the top of the stack is readable and
writable through the Top-of-Stack (TOS) Special Function
Registers. Data can also be pushed to, or popped from,
the stack using the Top-of-Stack SFRs. Status bits
indicate if the stack is full, has overflowed or underflowed.
6.1.2.1
Top-of-Stack Access
The top of the stack is readable and writable. Three
register locations, TOSU, TOSH and TOSL, hold the
contents of the stack location pointed to by the
STKPTR register (Figure 6-3). This allows users to
implement a software stack if necessary. After a CALL,
RCALL
or interrupt, the software can read the pushed
value by reading the TOSU, TOSH and TOSL registers.
These values can be placed on a user-defined software
stack. At return time, the software can replace the
TOSU, TOSH and TOSL and do a return.
The user must disable the global interrupt enable bits
while accessing the stack to prevent inadvertent stack
corruption.
6.1.2.2
Return Stack Pointer (STKPTR)
The STKPTR register (Register 6-1) contains the Stack
Pointer value, the STKFUL (Stack Full) status bit and
the STKUNF (Stack Underflow) status bits. The value
of the Stack Pointer can be 0 through 31. The Stack
Pointer increments before values are pushed onto the
stack and decrements after values are popped off the
stack. At Reset, the Stack Pointer value will be zero.
The user may read and write the Stack Pointer value.
This feature can be used by a Real-Time Operating
System (RTOS) for return stack maintenance.
After the PC is pushed onto the stack 31 times (without
popping any values off the stack), the STKFUL bit is
set. The STKFUL bit is cleared by software or by a
POR.
The action that takes place when the stack becomes
full depends on the state of the STVREN (Stack Over-
flow Reset Enable) Configuration bit. (Refer to
Section 23.1 “Configuration Bits”
for a description of
the device Configuration bits.) If STVREN is set
(default), the 31st push will push the (PC + 2) value
onto the stack, set the STKFUL bit and reset the
device. The STKFUL bit will remain set and the Stack
Pointer will be set to zero.
If STVREN is cleared, the STKFUL bit will be set on the
31st push and the Stack Pointer will increment to 31.
Any additional pushes will not overwrite the 31st push
and STKPTR will remain at 31.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com