Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC18LF4331-I/SP Datasheet(PDF) 95 Page - Microchip Technology

Part # PIC18LF4331-I/SP
Description  28/40/44-Pin Enhanced Flash Microcontrollers with nanoWatt Technology, High-Performance PWM and A/D
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18LF4331-I/SP Datasheet(HTML) 95 Page - Microchip Technology

Back Button PIC18LF4331-I/SP Datasheet HTML 91Page - Microchip Technology PIC18LF4331-I/SP Datasheet HTML 92Page - Microchip Technology PIC18LF4331-I/SP Datasheet HTML 93Page - Microchip Technology PIC18LF4331-I/SP Datasheet HTML 94Page - Microchip Technology PIC18LF4331-I/SP Datasheet HTML 95Page - Microchip Technology PIC18LF4331-I/SP Datasheet HTML 96Page - Microchip Technology PIC18LF4331-I/SP Datasheet HTML 97Page - Microchip Technology PIC18LF4331-I/SP Datasheet HTML 98Page - Microchip Technology PIC18LF4331-I/SP Datasheet HTML 99Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 392 page
background image
 2010 Microchip Technology Inc.
DS39616D-page 95
PIC18F2331/2431/4331/4431
9.0
8 x 8 HARDWARE MULTIPLIER
9.1
Introduction
All PIC18 devices include an 8 x 8 hardware multiplier
as part of the ALU. The multiplier performs an unsigned
operation and yields a 16-bit result that is stored in the
product register pair, PRODH:PRODL. The multiplier’s
operation does not affect any flags in the STATUS
register.
Making multiplication a hardware operation allows it to be
completed in a single instruction cycle. This has the
advantages of higher computational throughput and
reduced code size for multiplication algorithms, and
allows the PIC18 devices to be used in many applications
previously reserved for digital signal processors.
A comparison of various hardware and software multi-
ply operations, along with the savings in memory and
execution time, is shown in Table 9-1.
9.2
Operation
Example 9-1 shows the sequence to do an 8 x 8
unsigned multiply. Only one instruction is required
when one argument of the multiply is already loaded in
the WREG register.
Example 9-2 shows the sequence to do an 8 x 8 signed
multiply. To account for the sign bits of the arguments,
each argument’s Most Significant bit (MSb) is tested
and the appropriate subtractions are done.
EXAMPLE 9-1:
8 x 8 UNSIGNED MULTIPLY
ROUTINE
EXAMPLE 9-2:
8 x 8 SIGNED MULTIPLY
ROUTINE
TABLE 9-1:
PERFORMANCE COMPARISON
MOVF
ARG1, W
;
MULWF
ARG2
; ARG1 * ARG2 ->
; PRODH:PRODL
MOVF
ARG1, W
MULWF
ARG2
; ARG1 * ARG2 ->
; PRODH:PRODL
BTFSC
ARG2, SB
; Test Sign Bit
SUBWF
PRODH, F
; PRODH = PRODH
;
- ARG1
MOVF
ARG2, W
BTFSC
ARG1, SB
; Test Sign Bit
SUBWF
PRODH, F
; PRODH = PRODH
;
- ARG2
Routine
Multiply Method
Program
Memory
(Words)
Cycles
(Max)
Time
@ 40 MHz
@ 10 MHz
@ 4 MHz
8 x 8 Unsigned
Without Hardware Multiply
13
69
6.9
s
27.6
s
69
s
Hardware Multiply
1
1
100 ns
400 ns
1
s
8 x 8 Signed
Without Hardware Multiply
33
91
9.1
s
36.4
s
91
s
Hardware Multiply
6
6
600 ns
2.4
s6 s
16 x 16 Unsigned
Without Hardware Multiply
21
242
24.2
s
96.8
s242 s
Hardware Multiply
24
24
2.4
s9.6 s
24
s
16 x 16 Signed
Without Hardware Multiply
52
254
25.4
s102.6 s254 s
Hardware Multiply
36
36
3.6
s
14.4
s
36
s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com