Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC18LF4331-I/SP Datasheet(PDF) 114 Page - Microchip Technology

Part # PIC18LF4331-I/SP
Description  28/40/44-Pin Enhanced Flash Microcontrollers with nanoWatt Technology, High-Performance PWM and A/D
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18LF4331-I/SP Datasheet(HTML) 114 Page - Microchip Technology

Back Button PIC18LF4331-I/SP Datasheet HTML 110Page - Microchip Technology PIC18LF4331-I/SP Datasheet HTML 111Page - Microchip Technology PIC18LF4331-I/SP Datasheet HTML 112Page - Microchip Technology PIC18LF4331-I/SP Datasheet HTML 113Page - Microchip Technology PIC18LF4331-I/SP Datasheet HTML 114Page - Microchip Technology PIC18LF4331-I/SP Datasheet HTML 115Page - Microchip Technology PIC18LF4331-I/SP Datasheet HTML 116Page - Microchip Technology PIC18LF4331-I/SP Datasheet HTML 117Page - Microchip Technology PIC18LF4331-I/SP Datasheet HTML 118Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 392 page
background image
PIC18F2331/2431/4331/4431
DS39616D-page 114
 2010 Microchip Technology Inc.
TABLE 11-1:
PORTA I/O SUMMARY
Pin
Function
TRIS
Setting
I/O
I/O
Type
Description
RA0/AN0
RA0
0
O
DIG
LATA<0> data output; not affected by analog input.
1
I
TTL
PORTA<0> data input; disabled when analog input is enabled.
AN0
1
I
ANA
A/D Input Channel 0. Default input configuration on POR; does not
affect digital output.
RA1/AN1
RA1
0
O
DIG
LATA<1> data output; not affected by analog input.
1
I
TTL
PORTA<1> data input; disabled when analog input is enabled.
AN1
1
I
ANA
A/D Input Channel 1. Default input configuration on POR; does not
affect digital output.
RA2/AN2/VREF-/
CAP1/INDX
RA2
0
O
DIG
LATA<2> data output; not affected by analog input.
1
I
TTL
PORTA<2> data input. Disabled when analog input is enabled.
AN2
1
I
ANA
A/D Input Channel 2. Default input configuration on POR.
VREF-
1
I
ANA
A/D voltage reference low input.
CAP1
1
I
ST
Input Capture Pin 1. Disabled when analog input is enabled.
INDX
1
I
ST
Quadrature Encoder Interface index input pin. Disabled when analog
input is enabled.
RA3/AN3/VREF+/
CAP2/QEA
RA3
0
O
DIG
LATA<3> data output; not affected by analog input.
1
I
TTL
PORTA<3> data input; disabled when analog input is enabled.
AN3
1
I
ANA
A/D Input Channel 3. Default input configuration on POR.
VREF+
1
I
ANA
A/D voltage reference high input.
CAP2
1
I
ST
Input Capture Pin 2. Disabled when analog input is enabled.
QEA
1
I
ST
Quadrature Encoder Interface Channel A input pin. Disabled when
analog input is enabled.
RA4/AN4/CAP3/
QEB
RA4
0
O
DIG
LATA<4> data output; not affected by analog input.
1
I
ST
PORTA<4> data input; disabled when analog input is enabled.
AN4
1
I
ANA
A/D Input Channel 4. Default input configuration on POR.
CAP3
1
I
ST
Input Capture Pin 3. Disabled when analog input is enabled.
QEB
1
I
ST
Quadrature Encoder Interface Channel B input pin. Disabled when
analog input is enabled.
RA5/AN5/LVDIN
RA5
0
O
DIG
LATA<5> data output; not affected by analog input.
1
I
TTL
PORTA<5> data input; disabled when analog input is enabled.
AN5
1
I
ANA
A/D Input Channel 5. Default configuration on POR.
LVDIN
1
I
ANA
Low-Voltage Detect external trip point input.
OSC2/CLKO/RA6
OSC2
x
O
ANA
Main oscillator feedback output connection (XT, HS and LP modes).
CLKO
x
O
DIG
System cycle clock output (FOSC/4) in RC, INTIO1 and EC Oscillator
modes.
RA6
0
O
DIG
LATA<6> data output. Enabled in RCIO, INTIO2 and ECIO modes only.
1
I
TTL
PORTA<6> data input. Enabled in RCIO, INTIO2 and ECIO modes only.
OSC1/CLKI/RA7
OSC1
x
I
ANA
Main oscillator input connection.
CLKI
x
I
ANA
Main clock input connection.
RA7
0
O
DIG
LATA<7> data output. Disabled in external oscillator modes.
1
I
TTL
PORTA<7> data input. Disabled in external oscillator modes.
Legend:
DIG = Digital level output; TTL = TTL input buffer; ST = Schmitt Trigger input buffer; ANA = Analog level input/output;
x
= Don’t care (TRIS bit does not affect port direction or is overridden for this option).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com