Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC18LF4331-I/SP Datasheet(PDF) 150 Page - Microchip Technology

Part # PIC18LF4331-I/SP
Description  28/40/44-Pin Enhanced Flash Microcontrollers with nanoWatt Technology, High-Performance PWM and A/D
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18LF4331-I/SP Datasheet(HTML) 150 Page - Microchip Technology

Back Button PIC18LF4331-I/SP Datasheet HTML 146Page - Microchip Technology PIC18LF4331-I/SP Datasheet HTML 147Page - Microchip Technology PIC18LF4331-I/SP Datasheet HTML 148Page - Microchip Technology PIC18LF4331-I/SP Datasheet HTML 149Page - Microchip Technology PIC18LF4331-I/SP Datasheet HTML 150Page - Microchip Technology PIC18LF4331-I/SP Datasheet HTML 151Page - Microchip Technology PIC18LF4331-I/SP Datasheet HTML 152Page - Microchip Technology PIC18LF4331-I/SP Datasheet HTML 153Page - Microchip Technology PIC18LF4331-I/SP Datasheet HTML 154Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 150 / 392 page
background image
PIC18F2331/2431/4331/4431
DS39616D-page 150
 2010 Microchip Technology Inc.
The CCPR1H register and a 2-bit internal latch are
used to double buffer the PWM duty cycle. This double
buffering is essential for glitchless PWM operation.
When the CCPR1H and 2-bit latch match TMR2,
concatenated with an internal 2-bit Q clock or two bits
of the TMR2 prescaler, the CCP1 pin is cleared. The
maximum PWM resolution (bits) for a given PWM
frequency is given by the following equation:
EQUATION 16-3:
16.5.3
SETUP FOR PWM OPERATION
The following steps should be taken when configuring
the CCP1 module for PWM operation:
1.
Set the PWM period by writing to the PR2 register.
2.
Set the PWM duty cycle by writing to the CCPR1L
register and CCP1CON<5:4> bits.
3.
Make the CCP1 pin an output by clearing the
TRISC<2> bit.
4.
Set the TMR2 prescale value and enable Timer2
by writing to T2CON.
5.
Configure the CCP1 module for PWM operation.
TABLE 16-3:
EXAMPLE PWM FREQUENCIES AND RESOLUTIONS AT 40 MHz
TABLE 16-4:
REGISTERS ASSOCIATED WITH PWM AND TIMER2
Note:
If the PWM duty cycle value is longer than
the PWM period, the CCP1 pin will not be
cleared.
PWM Resolution (max) =
FOSC
FPWM
log
log(2)
bits
PWM Frequency
2.44 kHz
9.77 kHz
39.06 kHz
156.25 kHz
312.50 kHz
416.67 kHz
Timer Prescaler (1, 4, 16)
16
41111
PR2 Value
FFh
FFh
FFh
3Fh
1Fh
17h
Maximum Resolution (bits)
10
10
10
8
7
6.58
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset Values
on Page:
INTCON
GIE/GIEH PEIE/GIEL TMR0IE
INT0IE
RBIE
TMR0IF
INT0IF
RBIF
54
PIR1
—
ADIF
RCIF
TXIF
SSPIF
CCP1IF
TMR2IF
TMR1IF
57
PIE1
—
ADIE
RCIE
TXIE
SSPIE
CCP1IE TMR2IE
TMR1IE
57
IPR1
—
ADIP
RCIP
TXIP
SSPIP
CCP1IP TMR2IP
TMR1IP
57
TRISC
PORTC Data Direction Register
57
TMR2
Timer2 Register
55
PR2
Timer2 Period Register
55
T2CON
—
TOUTPS3 TOUTPS2 TOUTPS1 TOUTPS0 TMR2ON T2CKPS1 T2CKPS0
55
CCPR1L
Capture/Compare/PWM Register 1 Low Byte
56
CCPR1H
Capture/Compare/PWM Register 1 High Byte
56
CCP1CON
—
—
DC1B1
DC1B0
CCP1M3 CCP1M2 CCP1M1 CCP1M0
56
CCPR2L
Capture/Compare/PWM Register 2 Low Byte
56
CCPR2H
Capture/Compare/PWM Register 2 High Byte
56
CCP2CON
—
—
DC2B1
DC2B0
CCP2M3 CCP2M2 CCP2M1 CCP2M0
56
Legend: x
= unknown, u = unchanged, - = unimplemented, read as ‘0’. Shaded cells are not used by PWM and
Timer2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com