Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC18LF4331-I/SP Datasheet(PDF) 165 Page - Microchip Technology

Part # PIC18LF4331-I/SP
Description  28/40/44-Pin Enhanced Flash Microcontrollers with nanoWatt Technology, High-Performance PWM and A/D
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18LF4331-I/SP Datasheet(HTML) 165 Page - Microchip Technology

Back Button PIC18LF4331-I/SP Datasheet HTML 161Page - Microchip Technology PIC18LF4331-I/SP Datasheet HTML 162Page - Microchip Technology PIC18LF4331-I/SP Datasheet HTML 163Page - Microchip Technology PIC18LF4331-I/SP Datasheet HTML 164Page - Microchip Technology PIC18LF4331-I/SP Datasheet HTML 165Page - Microchip Technology PIC18LF4331-I/SP Datasheet HTML 166Page - Microchip Technology PIC18LF4331-I/SP Datasheet HTML 167Page - Microchip Technology PIC18LF4331-I/SP Datasheet HTML 168Page - Microchip Technology PIC18LF4331-I/SP Datasheet HTML 169Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 165 / 392 page
background image
 2010 Microchip Technology Inc.
DS39616D-page 165
PIC18F2331/2431/4331/4431
FIGURE 17-9:
QEI INPUTS WHEN SAMPLED BY THE FILTER (DIVIDE RATIO = 1:1)
FIGURE 17-10:
QEI MODULE RESET TIMING ON PERIOD MATCH
TCY
QEA Pin
TGD = 3 TCY
QEB Pin
QEA Input
QEB Input
Note 1:
The module design allows a quadrature frequency of up to FQEI = FCY/16.
TQEI = 16 TCY(1)
QEB
QEA
UP/DOWN
IC2QEIF
POSCNT(1)
Count (+/-)
+1 +1 +1 +1 +1 +1 +1 +1 +1 +1 +1 +1
-1 -1 -1 -1 -1 -1 -1 -1 -1 -1 -1 -1 -1 -1 -1 -1 -1 -1 -1 -1 -1 -1 -1 -1
MAXCNT
Q4(3)
Q1(4)
Q1(5)
Position
Counter Load
Forward
Reverse
Q1(5)
IC3DRIF
Note 2
Note 2
Note 1:
The POSCNT register is shown in QEI x4 Update mode (POSCNT increments on every rising and every falling edge
of QEA and QEB input signals). Asynchronous external QEA and QEB inputs are synchronized to the TCY clock by
the input sampling FF in the noise filter (see Figure 17-14).
2:
When POSCNT = MAXCNT, POSCNT is reset to ‘0’ on the next QEA rising edge. POSCNT is set to MAXCNT when
POSCNT = 0 (when decrementing), which occurs on the next QEA falling edge.
3:
IC2QEIF is generated on the Q4 rising edge.
4:
Position counter is loaded with ‘0’ (which is a rollover event in this case) on POSCNT = MAXCNT.
5:
Position counter is loaded with MAXCNT value (1527h) on underflow.
6:
IC2QEIF must be cleared in software.
Note 6
Q4(3)
MAXCNT=1527



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com