Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC18LF4331-I/SP Datasheet(PDF) 171 Page - Microchip Technology

Part # PIC18LF4331-I/SP
Description  28/40/44-Pin Enhanced Flash Microcontrollers with nanoWatt Technology, High-Performance PWM and A/D
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18LF4331-I/SP Datasheet(HTML) 171 Page - Microchip Technology

Back Button PIC18LF4331-I/SP Datasheet HTML 167Page - Microchip Technology PIC18LF4331-I/SP Datasheet HTML 168Page - Microchip Technology PIC18LF4331-I/SP Datasheet HTML 169Page - Microchip Technology PIC18LF4331-I/SP Datasheet HTML 170Page - Microchip Technology PIC18LF4331-I/SP Datasheet HTML 171Page - Microchip Technology PIC18LF4331-I/SP Datasheet HTML 172Page - Microchip Technology PIC18LF4331-I/SP Datasheet HTML 173Page - Microchip Technology PIC18LF4331-I/SP Datasheet HTML 174Page - Microchip Technology PIC18LF4331-I/SP Datasheet HTML 175Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 171 / 392 page
background image
 2010 Microchip Technology Inc.
DS39616D-page 171
PIC18F2331/2431/4331/4431
TABLE 17-8:
REGISTERS ASSOCIATED WITH THE MOTION FEEDBACK MODULE
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset Values
on Page:
INTCON
GIE/GIEH PEIE/GIEL TMR0IE
INT0IE
RBIE
TMR0IF
INT0IF
RBIF
54
IPR3
—
—
—
PTIP
IC3DRIP IC2QEIP
IC1IP
TMR5IP
56
PIE3
—
—
—
PTIE
IC3DRIE IC2QEIE
IC1IE
TMR5IE
56
PIR3
—
—
—
PTIF
IC3DRIF IC2QEIF
IC1IF
TMR5IF
56
TMR5H
Timer5 Register High Byte
57
TMR5L
Timer5 Register Low Byte
57
PR5H
Timer5 Period Register High Byte
57
PR5L
Timer5 Period Register Low Byte
57
T5CON
T5SEN
RESEN
T5MOD
T5PS1
T5PS0
T5SYNC TMR5CS TMR5ON
57
CAP1BUFH/
VELRH
Capture 1 Register High Byte/Velocity Register High Byte(1)
58
CAP1BUFL/
VELRL
Capture 1 Register Low Byte/Velocity Register Low Byte(1)
58
CAP2BUFH/
POSCNTH
Capture 2 Register High Byte/QEI Position Counter Register High Byte(1)
58
CAP2BUFL/
POSCNTL
Capture 2 Register Low Byte/QEI Position Counter Register Low Byte(1)
58
CAP3BUFH/
MAXCNTH
Capture 3 Register High Byte/QEI Max. Count Limit Register High Byte(1)
58
CAP3BUFL/
MAXCNTL
Capture 3 Register Low Byte/QEI Max. Count Limit Register Low Byte(1)
58
CAP1CON
—CAP1REN
—
—
CAP1M3 CAP1M2 CAP1M1 CAP1M0
59
CAP2CON
—CAP2REN
—
—
CAP2M3 CAP2M2 CAP2M1 CAP2M0
59
CAP3CON
—CAP3REN
—
—
CAP3M3 CAP3M2 CAP3M1 CAP3M0
59
DFLTCON
—
FLT4EN
FLT3EN
FLT2EN FLT1EN
FLTCK2
FLTCK1
FLTCK0
59
QEICON
VELM
QERR
UP/DOWN QEIM2
QEIM1
QEIM0
PDEC1
PDEC0
56
Legend:
— = unimplemented. Shaded cells are not used by the Motion Feedback Module.
Note 1:
Register name and function determined by which submodule is selected (IC/QEI, respectively). See
Section 17.1.10 “Other Operating Modes”
for more information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com