Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC18LF4331-I/SP Datasheet(PDF) 193 Page - Microchip Technology

Part # PIC18LF4331-I/SP
Description  28/40/44-Pin Enhanced Flash Microcontrollers with nanoWatt Technology, High-Performance PWM and A/D
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18LF4331-I/SP Datasheet(HTML) 193 Page - Microchip Technology

Back Button PIC18LF4331-I/SP Datasheet HTML 189Page - Microchip Technology PIC18LF4331-I/SP Datasheet HTML 190Page - Microchip Technology PIC18LF4331-I/SP Datasheet HTML 191Page - Microchip Technology PIC18LF4331-I/SP Datasheet HTML 192Page - Microchip Technology PIC18LF4331-I/SP Datasheet HTML 193Page - Microchip Technology PIC18LF4331-I/SP Datasheet HTML 194Page - Microchip Technology PIC18LF4331-I/SP Datasheet HTML 195Page - Microchip Technology PIC18LF4331-I/SP Datasheet HTML 196Page - Microchip Technology PIC18LF4331-I/SP Datasheet HTML 197Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 193 / 392 page
background image
 2010 Microchip Technology Inc.
DS39616D-page 193
PIC18F2331/2431/4331/4431
The actual dead time is calculated from the DTCON
register as follows:
Dead Time = Dead-Time Value/(FOSC/Prescaler)
Table 18-3 shows example dead-time ranges as a
function of the input clock prescaler selected and the
device operating frequency.
TABLE 18-3:
EXAMPLE DEAD-TIME
RANGES
18.7.4
DEAD-TIME DISTORTION
18.8
Independent PWM Output
Independent PWM mode is used for driving the loads
(as shown in Figure 18-19) for driving one winding of a
switched reluctance motor. A particular PWM output
pair is configured in the Independent Output mode
when the corresponding PMOD bit in the PWMCON0
register is set. No dead-time control is implemented
between the PWM I/O pins when the module is operat-
ing in the Independent PWM mode and both I/O pins
are allowed to be active simultaneously. This mode can
also be used to drive stepper motors.
18.8.1
DUTY CYCLE ASSIGNMENT IN THE
INDEPENDENT PWM MODE
In the Independent PWM mode, each duty cycle gener-
ator is connected to both PWM output pins in a given
PWM output pair. The odd and even PWM output pins
are driven with a single PWM duty cycle generator.
PWM1 and PWM0 are driven by the PWM channel
which uses the PDC0 register to set the duty cycle,
PWM3 and PWM2 with PDC1, PWM5 and PWM4 with
PDC2, and PWM7 and PWM6 with PDC3 (see
Figure 18-3 and Register 18-4).
FOSC
(MHz)
MIPS
Prescaler
Selection
Dead-Time
Min
Dead-Time
Max
40
10
FOSC/2
50 ns
3.2
s
40
10
FOSC/4
100 ns
6.4
s
40
10
FOSC/8
200 ns
12.8
s
40
10
FOSC/16
400 ns
25.6
s
32
8
FOSC/2
62.5 ns
4
s
32
8
FOSC/4
125 ns
8
s
32
8
FOSC/8
250 ns
16
s
32
8
FOSC/16
500 ns
32
s
25
6.25
FOSC/2
80 ns
5.12
s
25
6.25
FOSC/4
160 ns
10.2
s
25
6.25
FOSC/8
320 ns
20.5
s
25
6.25
FOSC/16
640 ns
41
s
20
5
FOSC/2
100 ns
6.4
s
20
5
FOSC/4
200 ns
12.8
s
20
5
FOSC/8
400 ns
25.6
s
20
5
FOSC/16
800 ns
51.2
s
10
2.5
FOSC/2
200 ns
12.8
s
10
2.5
FOSC/4
400 ns
25.6
s
10
2.5
FOSC/8
800 ns
51.2
s
10
2.5
FOSC/16
1.6
s
102.4
s
51.25
FOSC/2
400 ns
25.6
s
51.25
FOSC/4
800 ns
51.2
s
51.25
FOSC/8
1.6
s
102.4
s
51.25
FOSC/16
3.2
s
204.8
s
41
FOSC/2
0.5
s32 s
41
FOSC/4
1
s64 s
41
FOSC/8
2
s
128
s
41
FOSC/16
4
s
256
s
Note 1:
For small PWM duty cycles, the ratio of
dead time to the active PWM time may
become large. In this case, the inserted
dead time will introduce distortion into
waveforms produced by the PWM
module. The user can ensure that
dead-time distortion is minimized by
keeping the PWM duty cycle at least
three times larger than the dead time. A
similar effect occurs for duty cycles at or
near 100%. The maximum duty cycle
used in the application should be chosen
such that the minimum inactive time of
the signal is at least three times larger
than the dead time. If the dead time is
greater or equal to the duty cycle of one
of the PWM output pairs, then that PWM
pair will be inactive for the whole period.
2:
Changing the dead-time values in
DTCON when the PWM is enabled may
result in an undesired situation. Disable
the PWM (PTEN = 0) before changing
the dead-time value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com