Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC18LF4331T-I/SP Datasheet(PDF) 86 Page - Microchip Technology

Part # PIC18LF4331T-I/SP
Description  28/40/44-Pin Enhanced Flash Microcontrollers with nanoWatt Technology, High-Performance PWM and A/D
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18LF4331T-I/SP Datasheet(HTML) 86 Page - Microchip Technology

Back Button PIC18LF4331T-I/SP Datasheet HTML 82Page - Microchip Technology PIC18LF4331T-I/SP Datasheet HTML 83Page - Microchip Technology PIC18LF4331T-I/SP Datasheet HTML 84Page - Microchip Technology PIC18LF4331T-I/SP Datasheet HTML 85Page - Microchip Technology PIC18LF4331T-I/SP Datasheet HTML 86Page - Microchip Technology PIC18LF4331T-I/SP Datasheet HTML 87Page - Microchip Technology PIC18LF4331T-I/SP Datasheet HTML 88Page - Microchip Technology PIC18LF4331T-I/SP Datasheet HTML 89Page - Microchip Technology PIC18LF4331T-I/SP Datasheet HTML 90Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 392 page
background image
PIC18F2331/2431/4331/4431
DS39616D-page 86
 2010 Microchip Technology Inc.
FIGURE 8-2:
TABLE WRITE OPERATION
8.2
Control Registers
Several control registers are used in conjunction with
the TBLRD and TBLWT instructions. These include the:
• EECON1 register
• EECON2 register
• TABLAT register
• TBLPTR registers
8.2.1
EECON1 AND EECON2 REGISTERS
EECON1 is the control register for memory accesses.
EECON2 is not a physical register. Reading EECON2
will read all ‘0’s. The EECON2 register is used
exclusively in the memory write and erase sequences.
Control bit, EEPGD, determines if the access will be to
program or data EEPROM memory. When clear,
operations will access the data EEPROM memory.
When set, program memory is accessed.
Control bit, CFGS, determines if the access will be to
the Configuration registers or to program memory/data
EEPROM memory. When set, subsequent operations
access Configuration registers, regardless of EEPGD.
(See Section 23.0 “Special Features of the CPU”.)
When CFGS is clear, the EEPGD bit selects either
program Flash or data EEPROM memory.
The FREE bit controls program memory erase opera-
tions. When the FREE bit is set, the erase operation is
initiated on the next WR command. When FREE is
clear, only writes are enabled.
A write operation is allowed when the WREN bit
(EECON1<2>) is set. On power-up, the WREN bit is
clear. The WRERR bit (EECON1<3>) is set in hard-
ware when the WR bit (EECON1<1>) is set and
cleared when the internal programming timer expires
and the write operation is complete.
The WR control bit initiates write operations. The bit
cannot be cleared, only set, in software. The bit is
cleared in hardware at the completion of the write
operation.
Table Pointer(1)
Table Latch (8-bit)
TBLPTRH
TBLPTRL
TABLAT
Program Memory
(TBLPTR)
TBLPTRU
Instruction: TBLWT*
Note 1:
The Table Pointer actually points to one of eight holding registers, the address of which is determined
by TBLPTRL<2:0>. The process for physically writing data to the program memory array is discussed
in Section 8.5 “Writing to Flash Program Memory”.
Holding Registers
Program Memory
Note:
During normal operation, the WRERR
may read as ‘1’. This can indicate that a
write operation was prematurely termi-
nated by a Reset or a write operation was
attempted improperly.
Note:
The EEIF interrupt flag bit (PIR2<4>) is
set when the write is complete. It must be
cleared in software.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com