Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC18LF4331T-I/SP Datasheet(PDF) 90 Page - Microchip Technology

Part # PIC18LF4331T-I/SP
Description  28/40/44-Pin Enhanced Flash Microcontrollers with nanoWatt Technology, High-Performance PWM and A/D
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18LF4331T-I/SP Datasheet(HTML) 90 Page - Microchip Technology

Back Button PIC18LF4331T-I/SP Datasheet HTML 86Page - Microchip Technology PIC18LF4331T-I/SP Datasheet HTML 87Page - Microchip Technology PIC18LF4331T-I/SP Datasheet HTML 88Page - Microchip Technology PIC18LF4331T-I/SP Datasheet HTML 89Page - Microchip Technology PIC18LF4331T-I/SP Datasheet HTML 90Page - Microchip Technology PIC18LF4331T-I/SP Datasheet HTML 91Page - Microchip Technology PIC18LF4331T-I/SP Datasheet HTML 92Page - Microchip Technology PIC18LF4331T-I/SP Datasheet HTML 93Page - Microchip Technology PIC18LF4331T-I/SP Datasheet HTML 94Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 392 page
background image
PIC18F2331/2431/4331/4431
DS39616D-page 90
 2010 Microchip Technology Inc.
8.4
Erasing Flash Program Memory
The minimum erase block is 32 words or 64 bytes.
Larger blocks of program memory can be bulk erased
only through the use of an external programmer or
ICSP control. Word erase in the Flash array is not
supported.
When initiating an erase sequence from the micro-
controller itself, a block of 64 bytes of program memory
is erased. The Most Significant 16 bits of the
TBLPTR<21:6> point to the block being erased;
TBLPTR<5:0> are ignored.
The EECON1 register commands the erase operation.
The EEPGD bit (EECON1<7>) must be set to point to
the
Flash
program
memory.
The
WREN
bit
(EECON1<2>) must be set to enable write operations.
The FREE bit (EECON1<4>) is set to select an erase
operation.
For protection, the write initiate sequence using
EECON2 must be used.
A long write is necessary for erasing the internal Flash.
Instruction execution is halted while in a long write
cycle. The long write will be terminated by the internal
programming timer.
8.4.1
FLASH PROGRAM MEMORY
ERASE SEQUENCE
The sequence of events for erasing a block of internal
program memory location is:
1.
Load the Table Pointer with the address of the
row being erased.
2.
Set the EECON1 register for the erase
operation:
- set the EEPGD bit to point to program memory;
- clear the CFGS bit to access program memory;
- set the WREN bit to enable writes;
- set the FREE bit to enable the erase.
3.
Disable interrupts.
4.
Write 55h to EECON2.
5.
Write 0AAh to EECON2.
6.
Set the WR bit. This will begin the row erase
cycle.
7.
The CPU will stall for the duration of the erase
(about 2 ms using internal timer).
8.
Execute a NOP.
9.
Re-enable interrupts.
EXAMPLE 8-2:
ERASING A FLASH PROGRAM MEMORY ROW
MOVLW
CODE_ADDR_UPPER
; load TBLPTR with the base
MOVWF
TBLPTRU
; address of the memory block
MOVLW
CODE_ADDR_HIGH
MOVWF
TBLPTRH
MOVLW
CODE_ADDR_LOW
MOVWF
TBLPTRL
ERASE_ROW
BSF
EECON1, EEPGD
; point to Flash program memory
BCF
EECON1, CFGS
; access Flash program memory
BSF
EECON1, WREN
; enable write to memory
BSF
EECON1, FREE
; enable Row Erase operation
BCF
INTCON, GIE
; disable interrupts
MOVLW
55h
MOVWF
EECON2
; write 55H
Required
MOVLW
0AAh
Sequence
MOVWF
EECON2
; write 0AAH
BSF
EECON2, WR
; start erase (CPU stall)
NOP
BSF
INTCON, GIE
; re-enable interrupts



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com