Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC18LF4331T-I/SP Datasheet(PDF) 104 Page - Microchip Technology

Part # PIC18LF4331T-I/SP
Description  28/40/44-Pin Enhanced Flash Microcontrollers with nanoWatt Technology, High-Performance PWM and A/D
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18LF4331T-I/SP Datasheet(HTML) 104 Page - Microchip Technology

Back Button PIC18LF4331T-I/SP Datasheet HTML 100Page - Microchip Technology PIC18LF4331T-I/SP Datasheet HTML 101Page - Microchip Technology PIC18LF4331T-I/SP Datasheet HTML 102Page - Microchip Technology PIC18LF4331T-I/SP Datasheet HTML 103Page - Microchip Technology PIC18LF4331T-I/SP Datasheet HTML 104Page - Microchip Technology PIC18LF4331T-I/SP Datasheet HTML 105Page - Microchip Technology PIC18LF4331T-I/SP Datasheet HTML 106Page - Microchip Technology PIC18LF4331T-I/SP Datasheet HTML 107Page - Microchip Technology PIC18LF4331T-I/SP Datasheet HTML 108Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 392 page
background image
PIC18F2331/2431/4331/4431
DS39616D-page 104
 2010 Microchip Technology Inc.
REGISTER 10-6:
PIR3: PERIPHERAL INTERRUPT REQUEST (FLAG) REGISTER 3
U-0
U-0
U-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
—
—
—
PTIF
IC3DRIF
IC2QEIF
IC1IF
TMR5IF
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7-5
Unimplemented:
Read as ‘0’
bit 4
PTIF:
PWM Time Base Interrupt bit
1
= PWM time base matched the value in the PTPER registers. Interrupt is issued according to the
postscaler settings. PTIF must be cleared in software.
0
= PWM time base has not matched the value in the PTPER registers
bit 3
IC3DRIF:
IC3 Interrupt Flag/Direction Change Interrupt Flag bit
IC3 Enabled (CAP3CON<3:0>):
1
= TMR5 value was captured by the active edge on CAP3 input (must be cleared in software)
0
= TMR5 capture has not occurred
QEI Enabled (QEIM<2:0>):
1
= Direction of rotation has changed (must be cleared in software)
0
= Direction of rotation has not changed
bit 2
IC2QEIF:
IC2 Interrupt Flag/QEI Interrupt Flag bit
IC2 Enabled (CAP2CON<3:0>):
1
= TMR5 value was captured by the active edge on CAP2 input (must be cleared in software)
0
= TMR5 capture has not occurred
QEI Enabled (QEIM<2:0>):
1
= The QEI position counter has reached the MAXCNT value, or the index pulse, INDX, has been
detected. Depends on the QEI operating mode enabled. Must be cleared in software.
0
= The QEI position counter has not reached the MAXCNT value or the index pulse has not been
detected
bit 1
IC1 Enabled (CAP1CON<3:0>):
1
= TMR5 value was captured by the active edge on CAP1 input (must be cleared in software)
0
= TMR5 capture has not occurred
QEI Enabled (QEIM<2:0>), Velocity Measurement Mode Enabled (VELM = 0 in QEICON register):
1
= Timer5 value was captured by the active velocity edge (based on PHA or PHB input). CAP1REN
bit must be set in CAP1CON register. IC1IF must be cleared in software.
0
= Timer5 value was not captured by the active velocity edge
bit 0
TMR5IF:
Timer5 Interrupt Flag bit
1
= Timer5 time base matched the PR5 value (must be cleared in software)
0
= Timer5 time base did not match the PR5 value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com