Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3535TME-2ALS Datasheet(PDF) 17 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM3535TME-2ALS
Description  Multi-Display LED Driver with Ambient Light Sensing and Dynamic Backlight Control Compatibility
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3535TME-2ALS Datasheet(HTML) 17 Page - National Semiconductor (TI)

Back Button LM3535TME-2ALS Datasheet HTML 13Page - National Semiconductor (TI) LM3535TME-2ALS Datasheet HTML 14Page - National Semiconductor (TI) LM3535TME-2ALS Datasheet HTML 15Page - National Semiconductor (TI) LM3535TME-2ALS Datasheet HTML 16Page - National Semiconductor (TI) LM3535TME-2ALS Datasheet HTML 17Page - National Semiconductor (TI) LM3535TME-2ALS Datasheet HTML 18Page - National Semiconductor (TI) LM3535TME-2ALS Datasheet HTML 19Page - National Semiconductor (TI) LM3535TME-2ALS Datasheet HTML 20Page - National Semiconductor (TI) LM3535TME-2ALS Datasheet HTML 21Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 26 page
background image
30082416
FIGURE 13. Zone Brightness Region Register
Description
•
B7-B0: Sets the ALS Zone Brightness Code. B7 always =
'1' (unused). Use the formula found in the BankA
Brightness Register Description (Figure 7) to set the
desired target brightness. Default values can be
overwritten
•
Zone0 Brightness Address = 0x70. Default = 0x99 (25) or
0.084mA
•
Zone1 Brightness Address = 0x71. Default = 0xB6 (54) or
0.164mA
•
Zone2 Brightness Address = 0x72. Default = 0xCC (76) or
1.45mA
•
Zone3 Brightness Address = 0x73. Default = 0xE6 (102)
or 6.17mA
•
Zone4 Brightness Address = 0x74. Default = 0xFF (127)
or 25mA
17
www.national.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com